Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

QLSP07RBU Datasheet(PDF) 5 Page - Quelighting Corp

No. de pieza QLSP07RBU
Descripción Electrónicos  QLSP07XXU series are R/G/B LEDs bring high performance and quality of light to wide range of lighting application.
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  QUELIGHTING [Quelighting Corp]
Página de inicio  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp

QLSP07RBU Datasheet(HTML) 5 Page - Quelighting Corp

  QLSP07RBU Datasheet HTML 1Page - Quelighting Corp QLSP07RBU Datasheet HTML 2Page - Quelighting Corp QLSP07RBU Datasheet HTML 3Page - Quelighting Corp QLSP07RBU Datasheet HTML 4Page - Quelighting Corp QLSP07RBU Datasheet HTML 5Page - Quelighting Corp QLSP07RBU Datasheet HTML 6Page - Quelighting Corp QLSP07RBU Datasheet HTML 7Page - Quelighting Corp QLSP07RBU Datasheet HTML 8Page - Quelighting Corp QLSP07RBU Datasheet HTML 9Page - Quelighting Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
4
QLSP07XXU-XX 3535 V1.0
Dominate Wavelength (nm) Bin:
Wd (nm)
Color
Code name
Min.
Max.
Royal Blue
DA
450
455
DB
455
460
Blue
DC
460
465
DD
465
470
DE
470
475
Cyan
DI5
495
505
DK5
505
515
Green
DM
515
520
DN
520
525
DP
525
530
Amber
DS
585
590
DT
590
595
Red
A7
615
620
A8
620
625
A9
625
630
Crimson
A145
650
660
A165
660
670
Cherry Red
R730
720
740
Measurement tolerance is +/- 1nm
Forward Voltage (VF) Bin:
VF Rank (V)
Color
Code name
Low
High
Royal Blue/
Blue/
Cyan/
Green
01
2.8
3.0
23
3.0
3.2
45
3.2
3.4
67
3.4
3.6
Amber/
Red/
Crimson/
NO
1.6
1.8
PQ
1.8
2.0
RS
2.0
2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com