Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

QLSP07RBU Datasheet(PDF) 4 Page - Quelighting Corp

No. de pieza QLSP07RBU
Descripción Electrónicos  QLSP07XXU series are R/G/B LEDs bring high performance and quality of light to wide range of lighting application.
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  QUELIGHTING [Quelighting Corp]
Página de inicio  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp

QLSP07RBU Datasheet(HTML) 4 Page - Quelighting Corp

  QLSP07RBU Datasheet HTML 1Page - Quelighting Corp QLSP07RBU Datasheet HTML 2Page - Quelighting Corp QLSP07RBU Datasheet HTML 3Page - Quelighting Corp QLSP07RBU Datasheet HTML 4Page - Quelighting Corp QLSP07RBU Datasheet HTML 5Page - Quelighting Corp QLSP07RBU Datasheet HTML 6Page - Quelighting Corp QLSP07RBU Datasheet HTML 7Page - Quelighting Corp QLSP07RBU Datasheet HTML 8Page - Quelighting Corp QLSP07RBU Datasheet HTML 9Page - Quelighting Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
3
QLSP07XXU-XX 3535 V1.0
Electrical / Optical Characteristic
(T=25 oC)
Product
Color
IF(mA)
VF(V)
Wavelength Luminous Flux(lm)
Refer @ 700mA
Typ.(lm)
Typ.
max
nm
min
typ.
QLSP07RBU
Royal Blue
350
3.2
3.5
450~460
15
25
45
QLSP07BU
Blue
350
3.2
3.5
460~475
30
40
71
QLSP07CGU
Cyan Green
350
3.2
3.5
495~515
70
80
132
QLSP07GU
Green
350
3.2
3.5
515~535
90
100
163
QLSP07AU
Ambwr
350
2.2
2.6
587~592
40
62
117
QLSP07RU
Red
350
2.2
2.6
615~630
60
70
119
QLSP07RU
Crimson
350
2.2
2.6
650~670
225mW
300mW
525mW
QLSP07CRU
Cherry Red
350
2.0
2.6
720~740
175mW
260mW
455mW
*Tolerance = +/- 10%
Absolute Maximum Rating
(T=25 oC)
Part #
Pd (mW)
IF (mA)
IFP (mA)*
VR (V)
Tj(oC)
TOP (oC)
TST (oC)
TSOL (oC)**
Rth(J-S)
(C/W)***
QLSP07RBU
4000
1000
1200
5
120
-40
– 85
-40 - 100
260
6
QLSP07BU
4000
1000
1200
5
120
-40
– 85
-40 - 100
260
6
QLSP07CGU
4000
1000
1200
5
120
-40
– 85
-40 - 100
260
6
QLSP07GU
4000
1000
1200
5
120
-40
– 85
-40 - 100
260
6
QLSP07AU
2000
700
1000
5
120
-40
– 85
-40 - 100
260
6
QLSP07RU
2000
700
1000
5
120
-40
– 85
-40 - 100
260
6
QLSP07CRU
2000
700
1000
5
120
-40
– 85
-40 - 100
260
6
*Duty 1/10 @ 10Khz
** IR Reflow for no more than 10 sec @ 260 oC
*** Junction to substrate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com