Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

QLSP07RBU Datasheet(PDF) 9 Page - Quelighting Corp

No. de pieza QLSP07RBU
Descripción Electrónicos  QLSP07XXU series are R/G/B LEDs bring high performance and quality of light to wide range of lighting application.
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  QUELIGHTING [Quelighting Corp]
Página de inicio  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp

QLSP07RBU Datasheet(HTML) 9 Page - Quelighting Corp

Back Button QLSP07RBU Datasheet HTML 5Page - Quelighting Corp QLSP07RBU Datasheet HTML 6Page - Quelighting Corp QLSP07RBU Datasheet HTML 7Page - Quelighting Corp QLSP07RBU Datasheet HTML 8Page - Quelighting Corp QLSP07RBU Datasheet HTML 9Page - Quelighting Corp QLSP07RBU Datasheet HTML 10Page - Quelighting Corp QLSP07RBU Datasheet HTML 11Page - Quelighting Corp QLSP07RBU Datasheet HTML 12Page - Quelighting Corp QLSP07RBU Datasheet HTML 13Page - Quelighting Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
8
QLSP07XXU-XX 3535 V1.0
◼ Reliability test:
No
Item
Condition
Time/Cycle
Sample
size
1
Steady State Operating Life of Room
Temperature
25℃ Operating
1000 Hrs
20 pcs
2
Steady State Operating Life of Low
Temperature -40℃
-40℃ Operating
1000 Hrs
20 pcs
3
Steady State Operating Life of Low
Temperature 60℃
60℃ Operating
1000 Hrs
20 pcs
4
Steady State Operating Life of Low
Temperature 85℃
85℃ Operating
1000 Hrs
20 pcs
5
Low temperature storage -40℃
-40℃ Storage
1000 Hrs
20 pcs
6
High temperature storage 100℃
100℃ Storage
1000 Hrs
20 pcs
7
Steady State Operating Life of High
Humidity Heat 60℃90%
60oC/90% Operating
1000 Hrs
20 pcs
8
Steady
State
Pulse
Operating
Life
Condition
25℃10Hz duty=1/10 Operating
200 Cycle
20 pcs
9
Resistance to soldering heat on PCB
(JEDEC MSL3)
pre-store@60℃, 60%RH for
52hrs Tsld max.=260 10sec
3 Times
20 pcs
10
Heat Cycle Test (JEDEC MRC)
25℃~65℃~-10℃, 90%RH,
24hr/1cycle
10 Cycle
20 pcs
11
Thermal shock
-40℃/ 20minr~ 5minr~100℃
/20min
300 Cycle
20 pcs
◼ Judgment Criteria:
Item
Symbol
Test Condition
Judgment
Criteria
Forward Voltage
Vf
350 mA
△Vf< 10%
Luminous Flux
Iv
350 mA
△Iv< 30%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com