Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

QLSP07RBU Datasheet(PDF) 6 Page - Quelighting Corp

No. de pieza QLSP07RBU
Descripción Electrónicos  QLSP07XXU series are R/G/B LEDs bring high performance and quality of light to wide range of lighting application.
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  QUELIGHTING [Quelighting Corp]
Página de inicio  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp

QLSP07RBU Datasheet(HTML) 6 Page - Quelighting Corp

Back Button QLSP07RBU Datasheet HTML 2Page - Quelighting Corp QLSP07RBU Datasheet HTML 3Page - Quelighting Corp QLSP07RBU Datasheet HTML 4Page - Quelighting Corp QLSP07RBU Datasheet HTML 5Page - Quelighting Corp QLSP07RBU Datasheet HTML 6Page - Quelighting Corp QLSP07RBU Datasheet HTML 7Page - Quelighting Corp QLSP07RBU Datasheet HTML 8Page - Quelighting Corp QLSP07RBU Datasheet HTML 9Page - Quelighting Corp QLSP07RBU Datasheet HTML 10Page - Quelighting Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
5
QLSP07XXU-XX 3535 V1.0
Cherry Red
TU
2.2
2.4
VW
2.4
2.6
The forward voltage tolerance is
± 0.1V
Luminous Flux Bin:
Rank @350mA (lm)
Color
Code name
Low
High
Royal Blue
QE9
10
20
QJ9
20
30
QN9
30
40
Blue
QN9
30
40
QP9
40
50
Cyan
QV9
80
90
QW9
90
100
Green
QX9
100
110
QY9
110
120
Amber
QR9
50
60
QT9
60
70
QU9
70
80
Red
QR9
50
60
QT9
60
70
QU9
70
80
luminous flux tolerance is ± 7%
Radiometric Power Bin:
Rank @350mA (mW)
Color
Code name
Low
High
Crimson
QE9
10
20
QJ9
20
30
QN9
30
40
Cherry Red
QN9
30
40
QP9
40
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com