Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

QLSP07RBU Datasheet(PDF) 10 Page - Quelighting Corp

No. de pieza QLSP07RBU
Descripción Electrónicos  QLSP07XXU series are R/G/B LEDs bring high performance and quality of light to wide range of lighting application.
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  QUELIGHTING [Quelighting Corp]
Página de inicio  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp

QLSP07RBU Datasheet(HTML) 10 Page - Quelighting Corp

Back Button QLSP07RBU Datasheet HTML 5Page - Quelighting Corp QLSP07RBU Datasheet HTML 6Page - Quelighting Corp QLSP07RBU Datasheet HTML 7Page - Quelighting Corp QLSP07RBU Datasheet HTML 8Page - Quelighting Corp QLSP07RBU Datasheet HTML 9Page - Quelighting Corp QLSP07RBU Datasheet HTML 10Page - Quelighting Corp QLSP07RBU Datasheet HTML 11Page - Quelighting Corp QLSP07RBU Datasheet HTML 12Page - Quelighting Corp QLSP07RBU Datasheet HTML 13Page - Quelighting Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
9
QLSP07XXU-XX 3535 V1.0
Solder Profile:
-The recommended reflow soldering profile is as follows (temperatures indicated are as
measured on the surface of the LED resin):
Profile Feature
Sn-Pb Eutectic Assembly
Pb-Free Assembly
Temperature Min(Tsmin)
100℃
150℃
Temperature Max(Tsmax)
150℃
200℃
Time(ta) from (Tsmin to Tsmax)
60-120 seconds
60-120 seconds
Ramp-up rate(TL to TP)
3℃/second max.
3℃/second max.
Liquidous Temperature(TL)
183℃
217℃
Time(tL) maintained above TL
60-150 seconds
60-150 seconds
Peak package body temperature(TP)
235℃
260℃
Time within 5℃ of Actual Peak
temperature (tp)
20seconds*
30 seconds*
Ramp-down rate(TP to TL)
6℃/second max.
6℃/second max.
Time 25℃ to peak temperature
6 minutes max.
8 minutes max.
* Tolerance for peak profile temperature (TP) is defined as a supplier minimum and a user
maximum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com