Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U575VG Datasheet(PDF) 123 Page - STMicroelectronics

No. de pieza STM32U575VG
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 123 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 119Page - STMicroelectronics STM32U575VG Datasheet HTML 120Page - STMicroelectronics STM32U575VG Datasheet HTML 121Page - STMicroelectronics STM32U575VG Datasheet HTML 122Page - STMicroelectronics STM32U575VG Datasheet HTML 123Page - STMicroelectronics STM32U575VG Datasheet HTML 124Page - STMicroelectronics STM32U575VG Datasheet HTML 125Page - STMicroelectronics STM32U575VG Datasheet HTML 126Page - STMicroelectronics STM32U575VG Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 329 page
background image
-
-----
E9
-
----
E9
PH9
I/O
FT_h
-
I2C3_SMBA, OCTOSPIM_P2_IO4,
DCMI_D0/PSSI_D0, EVENTOUT
-
-
-----
C13
-
----
C13
PH10
I/O
FT_h
-
TIM5_CH1, OCTOSPIM_P2_IO5,
DCMI_D1/PSSI_D1, EVENTOUT
-
-
-----
D9
-
----
D9
PH11
I/O
FT_h
-
TIM5_CH2, OCTOSPIM_P2_IO6,
DCMI_D2/PSSI_D2, EVENTOUT
-
-
-----
B13
-
----
B13
PH12
I/O
FT_h
-
TIM5_CH3, TIM8_CH4N,
OCTOSPIM_P2_IO7,
DCMI_D3/PSSI_D3, EVENTOUT
-
-
-----
C12
-
----
C12
PH13
I/O
FT
-
TIM8_CH1N, FDCAN1_TX,
EVENTOUT
-
-
-----
C11
-
----
C11
PH14
I/O
FT
-
TIM8_CH2N, FDCAN1_RX,
DCMI_D4/PSSI_D4, EVENTOUT
-
-
-----
A13
-
----
A13
PH15
I/O
FT_h
-
TIM8_CH3N, OCTOSPIM_P2_IO6,
DCMI_D11/PSSI_D11, EVENTOUT
-
-
-----
A11
-
----
A11
VDD
S
-
-
-
-
-
-----
B12
-
----
B12
PI0
I/O
FT_h
-
TIM5_CH4, OCTOSPIM_P1_IO5,
SPI2_NSS, DCMI_D13/PSSI_D13,
EVENTOUT
-
-
-----
A12
-
----
A12
PI1
I/O
FT_h
-
SPI2_SCK, OCTOSPIM_P2_IO2,
DCMI_D8/PSSI_D8, EVENTOUT
-
-
-----
D11
-
----
D11
PI2
I/O FT_hv
-
TIM8_CH4, SPI2_MISO,
OCTOSPIM_P2_IO1,
DCMI_D9/PSSI_D9, EVENTOUT
-
Table 26. STM32U575xx pin definitions(1) (continued)
Pin number
Pin name
(function after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More