Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U575VG Datasheet(PDF) 119 Page - STMicroelectronics

No. de pieza STM32U575VG
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 119 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 115Page - STMicroelectronics STM32U575VG Datasheet HTML 116Page - STMicroelectronics STM32U575VG Datasheet HTML 117Page - STMicroelectronics STM32U575VG Datasheet HTML 118Page - STMicroelectronics STM32U575VG Datasheet HTML 119Page - STMicroelectronics STM32U575VG Datasheet HTML 120Page - STMicroelectronics STM32U575VG Datasheet HTML 121Page - STMicroelectronics STM32U575VG Datasheet HTML 122Page - STMicroelectronics STM32U575VG Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 329 page
background image
-
-
-
88
D7
123
D7
-
-
88
D7
123
D7
PD7
I/O
FT_h
-
MDF1_CKI1, USART2_CK,
OCTOSPIM_P1_IO7,
SDMMC2_CMD,
FMC_NCE/FMC_NE1,
LPTIM4_OUT, EVENTOUT
-
-
-
C7
-
B7
124
A7
-
-
-
B7
124
A7
PG9
I/O FT_hs
-
OCTOSPIM_P2_IO6,
SPI3_SCK(boot), USART1_TX,
FMC_NCE/FMC_NE2,
SAI2_SCK_A, TIM15_CH1N,
EVENTOUT
-
-
-
A7
-
C7
125
C7
-
-
-
C7
125
C7
PG10
I/O FT_hs
-
LPTIM1_IN1, OCTOSPIM_P2_IO7,
SPI3_MISO(boot), USART1_RX,
FMC_NE3, SAI2_FS_A,
TIM15_CH1, EVENTOUT
-
-
-
E9
----
-
-
-
M11 126 M10
PG11
I/O FT_hs
-
LPTIM1_IN2, OCTOSPIM_P1_IO5,
SPI3_MOSI, USART1_CTS,
SAI2_MCLK_A, TIM15_CH2,
EVENTOUT
-
-
-
B8
-
A6
126
E6
-
-
-
A6
127
E6
PG12
I/O FT_hs
-
LPTIM1_ETR,
OCTOSPIM_P2_NCS,
SPI3_NSS(boot),
USART1_RTS_DE, FMC_NE4,
SAI2_SD_A, EVENTOUT
-
-
-
C9
-
-
127
-
-
-
-
M10 128 N10
PG13
I/O FT_fhs
-
I2C1_SDA, SPI3_RDY,
USART1_CK, FMC_A24,
EVENTOUT
-
-
-
A9
-
-
128
-
-
-
-
M9
129
N9
PG14
I/O FT_fhs
-
LPTIM1_CH2, I2C1_SCL,
FMC_A25, EVENTOUT
-
Table 26. STM32U575xx pin definitions(1) (continued)
Pin number
Pin name
(function after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More