Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U575VG Datasheet(PDF) 122 Page - STMicroelectronics

No. de pieza STM32U575VG
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 122 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 118Page - STMicroelectronics STM32U575VG Datasheet HTML 119Page - STMicroelectronics STM32U575VG Datasheet HTML 120Page - STMicroelectronics STM32U575VG Datasheet HTML 121Page - STMicroelectronics STM32U575VG Datasheet HTML 122Page - STMicroelectronics STM32U575VG Datasheet HTML 123Page - STMicroelectronics STM32U575VG Datasheet HTML 124Page - STMicroelectronics STM32U575VG Datasheet HTML 125Page - STMicroelectronics STM32U575VG Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 329 page
background image
-
-
-
97
C4
140
D4
-
-
97
C4
141
D4
PE0
I/O
FT_h
-
TIM4_ETR, DCMI_D2/PSSI_D2,
LPGPIO1_P13, FMC_NBL0,
TIM16_CH1, EVENTOUT
-
-
-
-
-
A3
141
C4
-
-
98
A3
142
C4
PE1
I/O
FT_h
-
DCMI_D3/PSSI_D3, FMC_NBL1,
TIM17_CH1, EVENTOUT
-
-
------
-
----
A4
VCAP
S
-
-
-
-
46
62
A17
98
B4
142
A4
-
-----
VDD11
S
-
-
-
-
47
63
B16
99
E4
143
B4
47
63
99
E4
143
B4
VSS
S
-
-
-
-
48
64
B18 100
J9
144
A3
48
64
100
J9
144
A3
VDD
S
-
-
-
-
-
-----
B11
-
----
B11
VSS
S
-
-
-
-
-
-----
F10
-
----
F10
PH2
I/O
FT_h
-
OCTOSPIM_P1_IO4, EVENTOUT
-
-
-----
E10
-
----
E10
PH4
I/O FT_fh
-
I2C2_SCL, OCTOSPIM_P2_DQS,
PSSI_D14, EVENTOUT
-
-
-----
F9
-
----
F9
PH5
I/O
FT_f
-
I2C2_SDA,
DCMI_PIXCLK/PSSI_PDCK,
EVENTOUT
-
-
-----
E11
-
----
E11
PH6
I/O FT_hv
-
I2C2_SMBA, OCTOSPIM_P2_CLK,
DCMI_D8/PSSI_D8, EVENTOUT
-
-
-----
F8
-
----
F8
PH7
I/O
FT_
fhv
-
I2C3_SCL, OCTOSPIM_P2_NCLK,
DCMI_D9/PSSI_D9, EVENTOUT
-
-
-----
D12
-
----
D12
PH8
I/O FT_fh
-
I2C3_SDA, OCTOSPIM_P2_IO3,
DCMI_HSYNC/PSSI_DE,
EVENTOUT
-
Table 26. STM32U575xx pin definitions(1) (continued)
Pin number
Pin name
(function after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More