| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32U575VG Datasheet(PDF) 121 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U575VG Datasheet(HTML) 121 Page - STMicroelectronics |
|
121 / 329 page ![]() 42 58 A13 92 A5 135 B5 42 58 92 A5 136 B5 PB6 I/O FT_fa - LPTIM1_ETR, TIM4_CH1, TIM8_BKIN2, I2C1_SCL(boot), I2C4_SCL, MDF1_SDI5, USART1_TX, TSC_G2_IO3, DCMI_D5/PSSI_D5, SAI1_FS_B, TIM16_CH1N, EVENTOUT COMP2_ INP2, WKUP3 43 59 B12 93 D5 136 F5 43 59 93 D5 137 F5 PB7 I/O FT_ fhav - LPTIM1_IN2, TIM4_CH2, TIM8_BKIN, I2C1_SDA(boot), I2C4_SDA, MDF1_CKI5, USART1_RX, UART4_CTS, TSC_G2_IO4, DCMI_VSYNC/PSSI_RDY, FMC_NL, TIM17_CH1N, EVENTOUT COMP2_ INM1, PVD_IN, WKUP4 44 60 C13 94 B5 137 C5 44 60 94 B5 138 C5 PH3-BOOT0 I/O FT - EVENTOUT - 45 61 B14 95 C5 138 E5 45 61 95 C5 139 E5 PB8 I/O FT_f - TIM4_CH3, SAI1_CK1, I2C1_SCL, MDF1_CCK0, SPI3_RDY, SDMMC1_CKIN, FDCAN1_RX(boot), DCMI_D6/PSSI_D6, SDMMC2_D4, SDMMC1_D4, SAI1_MCLK_A, TIM16_CH1, EVENTOUT WKUP5 - - A15 96 A4 139 D5 46 62 96 A4 140 D5 PB9 I/O FT_f - IR_OUT, TIM4_CH4, SAI1_D2, I2C1_SDA, SPI2_NSS, SDMMC1_CDIR, FDCAN1_TX(boot), DCMI_D7/PSSI_D7, SDMMC2_D5, SDMMC1_D5, SAI1_FS_A, TIM17_CH1, EVENTOUT - Table 26. STM32U575xx pin definitions(1) (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |