| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
RZ/G Datasheet(PDF) 30 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RZ/G Datasheet(HTML) 30 Page - Renesas Technology Corp |
|
30 / 83 page ![]() RZ Family / RZ/G, RZ/A Series 2. Functional Specifications R01UH0990EJ0101 Rev.1.01 Page 30 of 83 Jul 28, 2022 Table 2.2 List of Pin Function Selection Used on Each Module Board (6/18) Pin Location Pin Name RZ/G2UL Pin Function RZ/A3UL Pin Function RZ/Five Pin Function Description SMARC Pin No. SMARC Pin Name N2 P4_2/ ET0_RX_ERR/ RSPI1_MISO/ MTIOC8C/ MTIOC3A RSPI1_MISO RSPI1_MISO RSPI1_MISO Carrier Board Connector, connected to PMOD0 connector (J1) P57 SPI1_DIN AD20 P10_0/ ET1_RXD3/ SSI0_BCK/IRQ4/ MTIOC6A/IRQ2 ET1_RXD3 ET1_RXD3 ET1_RXD3 Ethernet PHY_1 (IC23) — — AD18 P10_1/ ET1_RX_ERR/ SSI0_RCK/ SSI3_BCK/ MTIOC6B ET1_ERR ET1_ERR ET1_ERR Unused — — AC20 P10_2/ ET1_MDC/ SSI0_TXD/ SSI3_RCK/ MTIOC6C ET1_MDC ET1_MDC ET1_MDC Ethernet PHY_1 (IC23) — — AE21 P10_3/ ET1_MDIO/ SSI0_RXD/ SSI3_TXD/ USB1_VBUSEN/ MTIOC6D ET1_MDIO ET1_MDIO ET1_MDIO Ethernet PHY_1 (IC23) — — AC19 P10_4/ ET1_LINKSTA/ ADC_TRG/ SSI3_RXD/ USB1_OVRCUR ET1_LINKSTA ET1_LINKSTA ET1_LINKSTA Ethernet PHY_1 (IC23) — — A10 P11_3/SSI0_RXD /POE10#/ SCI1_CTS#/ RTS#/ RSPI2_SSL/ DISP_CLK DISP_CLK DISP_CLK P11_3 Connected to 45pin FFC/FPC connector (CN5) Note: Unused in case of RZ/Five — A10 B10 P11_2/SSI0_TXD /POE8#/ SCI1_SCK/ RSPI2_MISO/ DISP_DATA0/ SCIF1_TXD DISP_DATA0 DISP_DATA0 P11_2 Connected to 45pin FFC/FPC connector (CN5) Note: Unused in case of RZ/Five — B10 A11 P13_1/ SCIF0_RXD/ CAN0_TX/ MTIOC4B/ USB1_OVRCUR/ DISP_DATA1/ SCIF1_RXD DISP_DATA1 DISP_DATA1 P13_1 Connected to 45pin FFC/FPC connector (CN5) Note: Unused in case of RZ/Five — A11 A14 P16_0/ SCIF1_CTS#/ CAN1_RX_DATA RATE_EN/ SCI0_CTS#/ RTS#/ DISP_DATA10 DISP_DATA10 DISP_DATA10 P16_0 Connected to 45pin FFC/FPC connector (CN5) Note: Unused in case of RZ/Five — A14 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |