Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/G Datasheet(PDF) 56 Page - Renesas Technology Corp

No. de pieza RZ/G
Descripción Electrónicos  RZ/G2UL, RZ/A3UL, RZ/Five SMARC Module Board
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button RZ/G Datasheet HTML 52Page - Renesas Technology Corp RZ/G Datasheet HTML 53Page - Renesas Technology Corp RZ/G Datasheet HTML 54Page - Renesas Technology Corp RZ/G Datasheet HTML 55Page - Renesas Technology Corp RZ/G Datasheet HTML 56Page - Renesas Technology Corp RZ/G Datasheet HTML 57Page - Renesas Technology Corp RZ/G Datasheet HTML 58Page - Renesas Technology Corp RZ/G Datasheet HTML 59Page - Renesas Technology Corp RZ/G Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 83 page
background image
RZ Family / RZ/G, RZ/A Series
2. Functional Specifications
R01UH0990EJ0101
Rev.1.01
Page 56 of 83
Jul 28, 2022
2.11.2
SD Card
Figure 2.14 shows a block diagram of the SD0 interface.
The microSD card is connected to channel 0 of SD/MMC interface that is with built-in to the RZ/G2UL. This memory
is used in conjunction with eMMC memory.
The microSD card may be used when
● the microSD is the selected boot mode (SW11-1: ON, SW11-2: ON, SW11-3: OFF)
● the SW_SD0_DEV_SEL is disabled (SW1-2: Selection SD/MMC is ON) and eMMC memory is not the selected
boot mode (SW11-1: ON, SW11-2: OFF, SW11-3: OFF).
This interface complies with the memory card standard version 3.0 and supports UHS-I mode of 50MB/s (SDR50) and
104MB/s (SDR104).
Figure 2.14
Block Diagram of SD0 I/F
SD0_CLK
SD0_CMD
SD0_DATA0
SD0_DATA1
SD0_DATA2
SD0_DATA3
SD0_PVDD
SD0_CD
SD0_PVDD
RZ/G2UL, RZ/A3UL, RZ/Five
RZ/G2UL, RZ/A3UL, RZ/Five
RZ/A3UL SMARC Module Board
OCTAL Edition
RZ/A3UL SMARC Module Board
QSPI Edition
RZ/G2UL SMARC Module Board
RZ/Five SMARC Module Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com