| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
RZ/G Datasheet(PDF) 37 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RZ/G Datasheet(HTML) 37 Page - Renesas Technology Corp |
|
37 / 83 page ![]() RZ Family / RZ/G, RZ/A Series 2. Functional Specifications R01UH0990EJ0101 Rev.1.01 Page 37 of 83 Jul 28, 2022 Table 2.2 List of Pin Function Selection Used on Each Module Board (13/18) Pin Location Pin Name RZ/G2UL Pin Function RZ/A3UL Pin Function RZ/Five Pin Function Description SMARC Pin No. SMARC Pin Name AE15 P8_0/ET1_TXD3/ SCIF0_SCK/ SCIF1_RXD/ SSI1_BCK/ SCI0_SCK/ MTIOC7A/IRQ1 ET1_TXD3 ET1_TXD3 ET1_TXD3 Ethernet PHY_1 (IC23) — — AE17 P8_1/ ET1_TX_ERR/ SCIF0_RXD/ SCIF1_TXD/ SSI1_RCK/ SCI0_TXD/ MTIOC7B ET1_TX_ERR ET1_TX_ERR ET1_TX_ERR Unused — — AC16 P8_2/ ET1_TX_COL/ SCIF0_TXD/ SCIF1_CTS#/ SSI1_TXD/ SCI0_RXD/ MTIOC7C ET1_TX_COL ET1_TX_COL ET1_TX_COL Unused — — AC15 P8_3/ ET1_TX_CRS/ SCIF0_CTS#/ SCIF1_RTS#/ SSI1_RXD/ SCI0_CTS#/ RTS#/MTIOC7D ET1_TX_CRS ET1_TX_CRS ET1_TX_CRS Unused — — AC17 P8_4/ET1_RXC/ RX_CLK/ SCIF0_RTS# ET1_RXC/ RX_CLK ET1_RXC/ RX_CLK ET1_RXC/ RX_CLK Ethernet PHY_1 (IC23) — — AC18 P9_0/ ET1_RX_CTL/ RX_DV/ RSPI0_CK/ SSI2_BCK/ MTIOC4A/ SCIF4_SCK ET1_RX_CTL_ RX_DV ET1_RX_CTL_ RX_DV ET1_RX_CTL_ RX_DV Ethernet PHY_1 (IC23) — — AE19 P9_1/ET1_RXD0/ RSPI0_MOSI/ SSI2_RCK/ MTIOC4B/ SCIF4_RXD ET1_RXD0 ET1_RXD0 ET1_RXD0 Ethernet PHY_1 (IC23) — — AD19 P9_2/ET1_RXD1/ RSPI0_MISO/ SSI2_DATA/ MTIOC4C/ SCIF4_TXD ET1_RXD1 ET1_RXD1 ET1_RXD1 Ethernet PHY_1 (IC23) — — AE20 P9_3/ET1_RXD2/ RSPI0_SSL/ IRQ3/MTIOC4D/ IRQ1 ET1_RXD2 ET1_RXD2 ET1_RXD2 Ethernet PHY_1 (IC23) — — L3 PLL1_AVDD18 PLL1_AVDD18 PLL1_AVDD18 PLL1_AVDD18 1.8V — — U3 PLL23_AVDD18 PLL23_AVDD18 PLL23_AVDD18 PLL23_AVDD18 1.8V — — T6 PLL23_DVDD11 PLL23_DVDD11 PLL23_DVDD11 PLL23_DVDD11 1.1V — — N17 PLL4_AVDD18 PLL4_AVDD18 PLL4_AVDD18 PLL4_AVDD18 1.8V — — Y14 PLL5_AVDD18 PLL5_AVDD18 PLL5_AVDD18 PLL5_AVDD18 1.8V — — |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |