| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
RZ/G Datasheet(PDF) 69 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RZ/G Datasheet(HTML) 69 Page - Renesas Technology Corp |
|
69 / 83 page ![]() RZ Family / RZ/G, RZ/A Series 4. Parallel to HDMI Converision Board R01UH0990EJ0101 Rev.1.01 Page 69 of 83 Jul 28, 2022 4. Parallel to HDMI Converision Board 4.1 Configuration The Parallel to HDMI Conversion Board is connected to the FFC/FPC Connector (CN5) described in the section 3.1.5 to realize parallel output via the 50mm FPC. Figure 4.1 shows an example of system configuration using the Parallel to HDMI Conversion Board. Figure 4.1 Example of System Configuration Using the Parallel to HDMI Conversion Board (*1): Should be procured on the customer side SCIF download (for bootloader programming) Host computer Parallel to HDMI Conversion Board RZ/G2UL 50mm FPC Parallel Output Power supply through USB Type-C AC adapter(*1) RZ/G2UL SMARC Module Board RTK9743U11C01000BE RZ SMARC Series Carrier Board RTK97X4XXXB00000BE RZ/A3UL SMARC Module Board QSPI Edition RZ/G2UL SMARC Module Board RZ/A3UL SMARC Module Board OCTAL Edition |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |