| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
RZ/G Datasheet(PDF) 55 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RZ/G Datasheet(HTML) 55 Page - Renesas Technology Corp |
|
55 / 83 page ![]() RZ Family / RZ/G, RZ/A Series 2. Functional Specifications R01UH0990EJ0101 Rev.1.01 Page 55 of 83 Jul 28, 2022 2.11 SD/MMC Host Interface 2.11.1 eMMC Memory Figure 2.13 shows a block diagram of the MMC interface. The eMMC memory is connected to channel 0 of SD/MMC interface that is with built-in to the RZ/G2UL. This memory is used in conjunction with SD card. The eMMC memory may be used when ● the SW_SD0_DEV_SEL is enabled (SW1-2: Selection SD/MMC is OFF). This interface complies with the JEDEC standard version 4.51 and supports HS200 mode. Figure 2.13 Block Diagram of eMMC I/F SD0_RST_N SD0_CLK SD0_CMD SD0_DATA0 SD0_DATA1 SD0_DATA2 SD0_DATA3 SD0_PVDD SD0_PVDD SD0_DATA4 SD0_DATA5 SD0_DATA6 SD0_DATA7 SD0_PVDD RZ/G2UL, RZ/A3UL, RZ/Five RZ/G2UL, RZ/A3UL, RZ/Five RZ/A3UL SMARC Module Board OCTAL Edition RZ/A3UL SMARC Module Board QSPI Edition RZ/G2UL SMARC Module Board RZ/Five SMARC Module Board |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |