| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
RZ/G Datasheet(PDF) 44 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RZ/G Datasheet(HTML) 44 Page - Renesas Technology Corp |
|
44 / 83 page ![]() RZ Family / RZ/G, RZ/A Series 2. Functional Specifications R01UH0990EJ0101 Rev.1.01 Page 44 of 83 Jul 28, 2022 2.3.2 DDR4 SDRAM Figure 2.2 shows a block diagram of the DDR4 SDRAM interface. The DDR4 SDRAM is controlled by the DDR3L/DDR4 SDRAM Memory Controller (MEMC) that is with built-in to the RZ/G2UL. This interface supports up to DDR4-1600 SDRAM, a data bus width of 16-bit and inline ECC. This interface complies with JEDEC STANDARD JESD79-4C. Figure 2.2 Block Diagram of DDR4 SDRAM DDR_CLK_N DDR_CLK_P R13 22 DDR_ADDR15 DDR_ADDR11 DDR_ADDR2 DDR_ADDR10 DDR_BA0 DDR_ADDR14 DDR_ADDR5 DDR_CAS# DDR_ADDR3 DDR_ADDR6 DDR_ADDR8 DDR_BA2 DDR_WE# DDR_ADDR7 DDR_ADDR0 DDR_ADDR12 DDR_ADDR9 DDR_CS0# DDR_BA1 DDR_ADDR1 DDR_ADDR4 DDR_ADDR13 DDR_RESET# DDR_ODT0 DDR_CKE DDR_CLK_N DDR_CLK_P DDR_DQ1 DDR_DQ3 DDR_DQ7 DDR_DQ2 DDR_DQ5 DDR_DQ0 DDR_DQ4 DDR_DQ6 DDR_DQS0_P DDR_DQS0_N DDR_DM0 DDR_DQ12 DDR_DQ11 DDR_DQ15 DDR_DQ13 DDR_DQ14 DDR_DQ9 DDR_DQ8 DDR_DQ10 DDR_DQS1_P DDR_DQS1_N DDR_DM1 RZ/G2UL, RZ/A3UL, RZ/Five RZ/G2UL, RZ/A3UL, RZ/Five RZ/A3UL SMARC Module Board OCTAL Edition RZ/A3UL SMARC Module Board QSPI Edition RZ/G2UL SMARC Module Board RZ/Five SMARC Module Board |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |