Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BLF177 Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza BLF177
Descripción Electrónicos  HF/VHF power MOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF177 Datasheet(HTML) 5 Page - NXP Semiconductors

  BLF177 Datasheet HTML 1Page - NXP Semiconductors BLF177 Datasheet HTML 2Page - NXP Semiconductors BLF177 Datasheet HTML 3Page - NXP Semiconductors BLF177 Datasheet HTML 4Page - NXP Semiconductors BLF177 Datasheet HTML 5Page - NXP Semiconductors BLF177 Datasheet HTML 6Page - NXP Semiconductors BLF177 Datasheet HTML 7Page - NXP Semiconductors BLF177 Datasheet HTML 8Page - NXP Semiconductors BLF177 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
September 1992
5
Philips Semiconductors
Product specification
HF/VHF power MOS transistor
BLF177
Fig.6
Drain-source on-state resistance as a
function of junction temperature, typical
values.
ID = 5 A; VGS = 10 V.
handbook, halfpage
0
400
300
200
100
50
100
150
MGP092
RDS(on)
(m
Ω)
Tj (°C)
Fig.7
Input and output capacitance as functions
of drain-source voltage, typical values.
VGS = 0; f = 1 MHz.
handbook, halfpage
0
1200
800
400
0
20
40
Cis
Cos
60
VDS (V)
C
(pF)
MBK408
Fig.8
Feedback capacitance as a function of
drain-source voltage, typical values.
VGS = 0; f = 1 MHz.
handbook, halfpage
0
300
200
100
0
10
50
20
30
40
MGP093
Crs
(pF)
VDS (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com