Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BLF177 Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza BLF177
Descripción Electrónicos  HF/VHF power MOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF177 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BLF177 Datasheet HTML 2Page - NXP Semiconductors BLF177 Datasheet HTML 3Page - NXP Semiconductors BLF177 Datasheet HTML 4Page - NXP Semiconductors BLF177 Datasheet HTML 5Page - NXP Semiconductors BLF177 Datasheet HTML 6Page - NXP Semiconductors BLF177 Datasheet HTML 7Page - NXP Semiconductors BLF177 Datasheet HTML 8Page - NXP Semiconductors BLF177 Datasheet HTML 9Page - NXP Semiconductors BLF177 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
September 1992
6
Philips Semiconductors
Product specification
HF/VHF power MOS transistor
BLF177
APPLICATION INFORMATION FOR CLASS-AB OPERATION
Th = 25 °C; Rth mb-h = 0.2 K/W; ZL = 6.25 + j0 Ω unless otherwise specified.
RF performance in SSB operation in a common source class-AB circuit.
f1 = 28.000 MHz; f2 = 28.001 MHz.
Note
1. Stated figures are maximum values encountered at any driving level between the specified value of PEP and are
referred to the according level of either the equal amplified tones. Related to the according peak envelope power
these figures should be decreased by 6 dB.
MODE OF
OPERATION
f
(MHz)
VDS
(V)
IDQ
(A)
PL
(W)
GP
(dB)
ηD
(%)
d3
(dB)
(note 1)
d5
(dB)
(note 1)
SSB, class-AB
28
50
0.7
20 to 150
(PEP)
> 20
typ. 35
> 35
typ. 40
<−30
typ.
−35
<−30
typ.
−38
Ruggedness in class-AB operation
The BLF177 is capable of withstanding a load mismatch
corresponding to VSWR = 50 through all phases under the
following conditions:
VDS = 50 V; f = 28 MHz at rated output power.
Fig.9
Power gain as a function of load power,
typical values.
Class-AB operation; VDS = 50 V; IDQ = 0.7 A;
RGS = 5 Ω;f1 = 28.000 MHz; f2 = 28.001 MHz.
handbook, halfpage
0
30
20
10
0
100
200
MGP096
Gp
(dB)
PL (W) PEP
Fig.10 Two tone efficiency as a function of load
power, typical values.
Class-AB operation; VDS = 50 V; IDQ = 0.7 A;
RGS = 5 Ω;f1 = 28.000 MHz; f2 = 28.001 MHz.
handbook, halfpage
0
60
40
20
0
100
200
MGP094
ηD
(%)
PL (W) PEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com