Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BLF177 Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza BLF177
Descripción Electrónicos  HF/VHF power MOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF177 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BLF177 Datasheet HTML 6Page - NXP Semiconductors BLF177 Datasheet HTML 7Page - NXP Semiconductors BLF177 Datasheet HTML 8Page - NXP Semiconductors BLF177 Datasheet HTML 9Page - NXP Semiconductors BLF177 Datasheet HTML 10Page - NXP Semiconductors BLF177 Datasheet HTML 11Page - NXP Semiconductors BLF177 Datasheet HTML 12Page - NXP Semiconductors BLF177 Datasheet HTML 13Page - NXP Semiconductors BLF177 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
September 1992
10
Philips Semiconductors
Product specification
HF/VHF power MOS transistor
BLF177
APPLICATION INFORMATION FOR CLASS-B OPERATION
Th = 25 °C; Rth mb-h = 0.2 K/W; RGS = 15.8 Ω; unless otherwise specified.
RF performance in CW operation in a common source class-B test circuit.
MODE OF
OPERATION
f
(MHz)
VDS
(V)
IDQ
(A)
PL
(W)
GP
(dB)
ηD
(%)
CW, class-B
108
50
0.1
150
typ. 19
typ. 70
Fig.16 Power gain as a function of load power,
typical values.
Class-B operation; VDS = 50 V; IDQ = 100 mA;
RGS = 15.8 Ω; f = 108 MHz.
handbook, halfpage
0
100
200
30
10
0
20
MGP101
Gp
(dB)
PL (W)
Fig.17 Two tone efficiency as a function of load
power, typical values.
Class-B operation; VDS = 50 V; IDQ = 100 mA;
RGS = 15.8 Ω; f = 108 MHz.
handbook, halfpage
0
100
50
0
100
200
MGP102
η
(%)
PL (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com