Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BLF177 Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza BLF177
Descripción Electrónicos  HF/VHF power MOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF177 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BLF177 Datasheet HTML 3Page - NXP Semiconductors BLF177 Datasheet HTML 4Page - NXP Semiconductors BLF177 Datasheet HTML 5Page - NXP Semiconductors BLF177 Datasheet HTML 6Page - NXP Semiconductors BLF177 Datasheet HTML 7Page - NXP Semiconductors BLF177 Datasheet HTML 8Page - NXP Semiconductors BLF177 Datasheet HTML 9Page - NXP Semiconductors BLF177 Datasheet HTML 10Page - NXP Semiconductors BLF177 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
September 1992
7
Philips Semiconductors
Product specification
HF/VHF power MOS transistor
BLF177
Fig.11 Third order intermodulation distortion as a
function of load power, typical values.
Class-AB operation; VDS = 50 V; IDQ = 0.7 A;
RGS = 5 Ω;f1 = 28.000 MHz; f2 = 28.001 MHz.
handbook, halfpage
0
−20
−40
−30
−50
−60
100
200
MGP097
d3
(dB)
PL (W) PEP
Fig.12 Fifth order intermodulation distortion as a
function of load power, typical values.
Class-AB operation; VDS = 50 V; IDQ = 0.7 A;
RGS = 5 Ω;f1 = 28.000 MHz; f2 = 28.001 MHz.
handbook, halfpage
0
−20
−40
−30
−50
−60
100
200
MGP098
d5
(dB)
PL (W) PEP
Fig.13 Test circuit for class-AB operation.
f = 28 MHz.
handbook, full pagewidth
MGP095
input
50
C1
C5
C6
C8
L1
L2
D.U.T.
L3
L6
L4
R2
R1
R3
R4
C4
C2
+VG
C3
C13
C10
C9
C11
C12
C15
+VD
C14
L5
R5
C7
output
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com