Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

OP27AZ/883C Datasheet(PDF) 3 Page - Analog Devices

No. de pieza OP27AZ/883C
Descripción Electrónicos  Low Noise, Precision Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

OP27AZ/883C Datasheet(HTML) 3 Page - Analog Devices

  OP27AZ/883C Datasheet HTML 1Page - Analog Devices OP27AZ/883C Datasheet HTML 2Page - Analog Devices OP27AZ/883C Datasheet HTML 3Page - Analog Devices OP27AZ/883C Datasheet HTML 4Page - Analog Devices OP27AZ/883C Datasheet HTML 5Page - Analog Devices OP27AZ/883C Datasheet HTML 6Page - Analog Devices OP27AZ/883C Datasheet HTML 7Page - Analog Devices OP27AZ/883C Datasheet HTML 8Page - Analog Devices OP27AZ/883C Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Data Sheet
OP27
Rev. H | Page 3 of 21
GENERAL DESCRIPTION
(Continued from Page 1)
PSRR and CMRR exceed 120 dB. These characteristics, coupled
with long-term drift of 0.2 µV/month, allow the circuit designer
to achieve performance levels previously attained only by discrete
designs.
Low cost, high volume production of OP27 is achieved by
using an on-chip Zener zap-trimming network. This reliable
and stable offset trimming scheme has proven its effectiveness
over many years of production history.
The OP27 provides excellent performance in low noise,
high accuracy amplification of low level signals. Applications
include stable integrators, precision summing amplifiers,
precision voltage threshold detectors, comparators, and
professional audio circuits such as tape heads and microphone
preamplifiers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com