Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

OP27AZ/883C Datasheet(PDF) 11 Page - Analog Devices

No. de pieza OP27AZ/883C
Descripción Electrónicos  Low Noise, Precision Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

OP27AZ/883C Datasheet(HTML) 11 Page - Analog Devices

Back Button OP27AZ/883C Datasheet HTML 7Page - Analog Devices OP27AZ/883C Datasheet HTML 8Page - Analog Devices OP27AZ/883C Datasheet HTML 9Page - Analog Devices OP27AZ/883C Datasheet HTML 10Page - Analog Devices OP27AZ/883C Datasheet HTML 11Page - Analog Devices OP27AZ/883C Datasheet HTML 12Page - Analog Devices OP27AZ/883C Datasheet HTML 13Page - Analog Devices OP27AZ/883C Datasheet HTML 14Page - Analog Devices OP27AZ/883C Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Data Sheet
OP27
Rev. H | Page 11 of 21
0
0
50
TOTAL SUPPLY VOLTAGE (V)
TA = 25 C
2.5
2.0
1.5
1.0
0.5
10
20
30
40
RL = 2k
RL = 1k
Figure 22. Open-Loop Voltage Gain vs. Supply Voltage
0
1k
10M
FREQUENCY (Hz)
TA = 25°C
VS = ±15V
28
24
20
16
12
8
4
10k
100k
1M
Figure 23. Maximum Output Swing vs. Frequency
–2
100
10k
LOAD RESISTANCE ( )
18
16
14
12
10
8
6
4
2
0
1k
TA = 25 C
VS = 15V
POSITIVE
SWING
NEGATIVE
SWING
Figure 24. Maximum Output Voltage vs. Load Resistance
0
0
2500
CAPACITIVE LOAD (pF)
100
80
60
40
20
500
1000
1500
2000
VS = 15V
VIN = 100mV
AV = +1
Figure 25. Small-Signal Overshoot vs. Capacitive Load
50mV
–50mV
0V
AVCL = +1
CL = 15pF
VS = 15V
TA = 25 C
20mV
500ns
Figure 26. Small-Signal Transient Response
+5V
–5V
0V
AVCL = +1
VS = 15V
TA = 25 C
2V
2 s
Figure 27. Large Signal Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com