Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

OP27AZ/883C Datasheet(PDF) 6 Page - Analog Devices

No. de pieza OP27AZ/883C
Descripción Electrónicos  Low Noise, Precision Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

OP27AZ/883C Datasheet(HTML) 6 Page - Analog Devices

Back Button OP27AZ/883C Datasheet HTML 2Page - Analog Devices OP27AZ/883C Datasheet HTML 3Page - Analog Devices OP27AZ/883C Datasheet HTML 4Page - Analog Devices OP27AZ/883C Datasheet HTML 5Page - Analog Devices OP27AZ/883C Datasheet HTML 6Page - Analog Devices OP27AZ/883C Datasheet HTML 7Page - Analog Devices OP27AZ/883C Datasheet HTML 8Page - Analog Devices OP27AZ/883C Datasheet HTML 9Page - Analog Devices OP27AZ/883C Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
OP27
Data Sheet
Rev. H | Page 6 of 21
TYPICAL ELECTRICAL CHARACTERISTICS
VS = ±15 V, TA = 25°C unless otherwise noted.
Table 4.
Parameter
Symbol
Test Conditions
OP27N Typical
Unit
AVERAGE INPUT OFFSET VOLTAGE DRIFT1
TCVOS or TCVOSn
Nulled or unnulled, RP = 8 kΩ to 20 kΩ
0.2
µV/°C
AVERAGE INPUT OFFSET CURRENT DRIFT
TCIOS
80
pA/°C
AVERAGE INPUT BIAS CURRENT DRIFT
TCIB
100
pA/°C
INPUT NOISE VOLTAGE DENSITY
en
fO = 10 Hz
3.5
nV/√Hz
fO = 30 Hz
3.1
nV/√Hz
fO = 1000 Hz
3.0
nV/√Hz
INPUT NOISE CURRENT DENSITY
in
fO = 10 Hz
1.7
pA/√Hz
fO = 30 Hz
1.0
pA/√Hz
fO = 1000 Hz
0.4
pA/√Hz
INPUT NOISE VOLTAGE SLEW RATE
enp-p
0.1 Hz to 10 Hz
0.08
µV p-p
SR
RL ≥ 2 kΩ
2.8
V/µs
GAIN BANDWIDTH PRODUCT
GBW
8
MHz
1 Input offset voltage measurements are performed by automated test equipment approximately 0.5 seconds after application of power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com