Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

OP27AZ/883C Datasheet(PDF) 16 Page - Analog Devices

No. de pieza OP27AZ/883C
Descripción Electrónicos  Low Noise, Precision Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

OP27AZ/883C Datasheet(HTML) 16 Page - Analog Devices

Back Button OP27AZ/883C Datasheet HTML 12Page - Analog Devices OP27AZ/883C Datasheet HTML 13Page - Analog Devices OP27AZ/883C Datasheet HTML 14Page - Analog Devices OP27AZ/883C Datasheet HTML 15Page - Analog Devices OP27AZ/883C Datasheet HTML 16Page - Analog Devices OP27AZ/883C Datasheet HTML 17Page - Analog Devices OP27AZ/883C Datasheet HTML 18Page - Analog Devices OP27AZ/883C Datasheet HTML 19Page - Analog Devices OP27AZ/883C Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
OP27
Data Sheet
Rev. H | Page 16 of 21
For reference, typical source resistances of some signal sources
are listed in Table 7.
Table 7.
Device
Source
Impedance
Comments
Strain Gauge
<500 Ω
Typically used in low frequency
applications.
Magnetic
Tape Head
<1500 Ω
Low is very important to reduce
self-magnetization problems
when direct coupling is used.
OP27 IB can be neglected.
Magnetic
Phonograph
Cartridges
<1500 Ω
Similar need for low IB in direct
coupled applications. OP27 does
not introduce any self-
magnetization problems.
Linear
Variable
Differential
Transformer
<1500 Ω
Used in rugged servo-feedback
applications. Bandwidth of
interest is 400 Hz to 5 kHz.
Table 8. Open-Loop Gain
Frequency
OP07
OP27
OP37
At 3 Hz
100 dB
124 dB
125 dB
At 10 Hz
100 dB
120 dB
125 dB
At 30 Hz
90 dB
110 dB
124 dB
AUDIO APPLICATIONS
Figure 41 is an example of a phono pre-amplifier circuit using the
OP27 for A1; R1-R2-C1-C2 form a very accurate RIAA network
with standard component values. The popular method to
accomplish RIAA phono equalization is to employ frequency
dependent feedback around a high quality gain block. Properly
chosen, an RC network can provide the three necessary time
constants of 3180 µs, 318 µs, and 75 µs.
For initial equalization accuracy and stability, precision metal
film resistors and film capacitors of polystyrene or polypro-
pylene are recommended because they have low voltage
coefficients, dissipation factors, and dielectric absorption.
(High-k ceramic capacitors should be avoided here, though
low-k ceramics, such as NPO types that have excellent
dissipation factors and somewhat lower dielectric absorption,
can be considered for small values.)
CA
150pF
A1
OP27
RA
MOVING MAGNET
CARTRIDGE INPUT
+
+
C4 (2)
220µF
C1
0.03µF
C2
0.01µF
C3
0.47µF
LF ROLLOFF
OUT
IN
OUTPUT
R5
R4
R1
R2
R3
G = 1kHz GAIN
= 0.101 ( 1 +
)
R1
R3
= 98.677 (39.9dB) AS SHOWN
2
6
3
Figure 41. Phono Preamplifier Circuit
The OP27 brings a 3.2 nV/√Hz voltage noise and 0.45 pA/√Hz
current noise to this circuit. To minimize noise from other
sources, R3 is set to a value of 100 Ω, generating a voltage noise
of 1.3 nV/√Hz. The noise increases the 3.2 nV/√Hz of the
amplifier by only 0.7 dB. With a 1 kΩ source, the circuit noise
measures 63 dB below a 1 mV reference level, unweighted, in a
20 kHz noise bandwidth.
Gain (G) of the circuit at 1 kHz can be calculated by the
expression:
R3
R1
G
1
101
.
0
For the values shown, the gain is just under 100 (or 40 dB).
Lower gains can be accommodated by increasing R3, but gains
higher than 40 dB show more equalization errors because of the
8 MHz gain bandwidth of the OP27.
This circuit is capable of very low distortion over its entire
range, generally below 0.01% at levels up to 7 V rms. At 3 V
output levels, it produces less than 0.03% total harmonic
distortion at frequencies up to 20 kHz.
Capacitor C3 and Resistor R4 form a simple −6 dB per octave
rumble filter, with a corner at 22 Hz. As an option, the switch
selected Shunt Capacitor C4, a nonpolarized electrolytic,
bypasses the low frequency roll-off. Placing the rumble filter’s
high-pass action after the preamplifier has the desirable result
of discriminating against the RIAA-amplified low frequency
noise components and pickup produced low frequency
disturbances.
A preamplifier for NAB tape playback is similar to an RIAA
phono preamplifier, though more gain is typically demanded,
along with equalization requiring a heavy low frequency boost.
The circuit in Figure 41 can be readily modified for tape use, as
shown by Figure 42.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com