Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

OP27AZ/883C Datasheet(PDF) 1 Page - Analog Devices

No. de pieza OP27AZ/883C
Descripción Electrónicos  Low Noise, Precision Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

OP27AZ/883C Datasheet(HTML) 1 Page - Analog Devices

  OP27AZ/883C Datasheet HTML 1Page - Analog Devices OP27AZ/883C Datasheet HTML 2Page - Analog Devices OP27AZ/883C Datasheet HTML 3Page - Analog Devices OP27AZ/883C Datasheet HTML 4Page - Analog Devices OP27AZ/883C Datasheet HTML 5Page - Analog Devices OP27AZ/883C Datasheet HTML 6Page - Analog Devices OP27AZ/883C Datasheet HTML 7Page - Analog Devices OP27AZ/883C Datasheet HTML 8Page - Analog Devices OP27AZ/883C Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Low Noise, Precision
Operational Amplifier
Data Sheet
OP27
Rev. H
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©1981–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low noise: 80 nV p-p (0.1 Hz to 10 Hz), 3 nV/√Hz
Low drift: 0.2 µV/°C
High speed: 2.8 V/µs slew rate, 8 MHz gain bandwidth
Low VOS: 10 µV
CMRR: 126 dB at VCM of ±11 V
High open-loop gain: 1.8 million
Available in die form
GENERAL DESCRIPTION
The OP27 precision operational amplifier combines the low
offset and drift of the OP07 with both high speed and low noise.
Offsets down to 25 µV and maximum drift of 0.6 µV/°C make
the OP27 ideal for precision instrumentation applications. Low
noise, en = 3.5 nV/√Hz, at 10 Hz, a low 1/f noise corner
frequency of 2.7 Hz, and high gain (1.8 million), allow accurate
high-gain amplification of low-level signals. A gain bandwidth
product of 8 MHz and a 2.8 V/µs slew rate provide excellent
dynamic accuracy in high speed, data-acquisition systems.
A low input bias current of ±10 nA is achieved by use of a bias
current cancellation circuit. Over the military temperature
range, this circuit typically holds IB and IOS to ±20 nA and 15 nA,
respectively.
The output stage has good load driving capability. A guaranteed
swing of ±10 V into 600 Ω and low output distortion make the
OP27 an excellent choice for professional audio applications.
(Continued on Page 3)
PIN CONFIGURATIONS
V+
OUT
NC
4V– (CASE)
BAL
BAL 1
–IN 2
+IN 3
OP27
NC = NO CONNECT
Figure 1. 8-Lead TO-99 (J-Suffix)
8
7
6
5
1
2
3
4
NC = NO CONNECT
VOS TRIM
–IN
+IN
VOS TRIM
V+
OUT
NC
V–
OP27
Figure 2. 8-Lead CERDIP – Glass Hermetic Seal (Z-Suffix),
8-Lead PDIP (P-Suffix), and 8-Lead SOIC (S-Suffix)
FUNCTIONAL BLOCK DIAGRAM
VOS ADJ.
NONINVERTING
INPUT (+)
INVERTING
INPUT (–)
V–
V+
Q2B
R21
Q3
Q2A
Q1A
Q1B
R4
R11
R3
1
8
.
R1 AND R2 ARE PERMANENTLY
ADJUSTED AT WAFER TEST FOR
MINIMUM OFFSET VOLTAGE
1
Q6
Q21
C2
R23
R24
Q23
Q24
Q22
R5
Q11
Q12
Q27
Q28
C1
R9
R12
C3
C4
Q26
Q20
Q19
Q46
Q45
OUTPUT
Figure 3.


Número de pieza similar - OP27AZ/883C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
OP27AZ/883C AD-OP27AZ/883C Datasheet
428Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
More results

Descripción similar - OP27AZ/883C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
OP27 AD-OP27 Datasheet
370Kb / 16P
Low-Noise, Precision Operational Amplifier
9/01-Data Sheet changed from REV. 0 to REV. A.
OP-27 AD-OP-27 Datasheet
703Kb / 12P
LOW NOISE, PRECISION OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA111 BURR-BROWN-OPA111 Datasheet
137Kb / 12P
Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA124 BURR-BROWN-OPA124 Datasheet
137Kb / 8P
Low Noise Precision Difet OPERATIONAL AMPLIFIER
logo
Analog Devices
OP27 AD-OP27_06 Datasheet
428Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
Precision Low Noise Operational Amplifier
July 12, 2011
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
OP27GJ8 AD-OP27GJ8 Datasheet
429Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
OP27 AD-OP27_15 Datasheet
449Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
logo
Texas Instruments
OPA2211-EP TI1-OPA2211-EP Datasheet
1Mb / 32P
Noise, Low-Power, Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com