Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

OP27AZ/883C Datasheet(PDF) 21 Page - Analog Devices

No. de pieza OP27AZ/883C
Descripción Electrónicos  Low Noise, Precision Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

OP27AZ/883C Datasheet(HTML) 21 Page - Analog Devices

Back Button OP27AZ/883C Datasheet HTML 13Page - Analog Devices OP27AZ/883C Datasheet HTML 14Page - Analog Devices OP27AZ/883C Datasheet HTML 15Page - Analog Devices OP27AZ/883C Datasheet HTML 16Page - Analog Devices OP27AZ/883C Datasheet HTML 17Page - Analog Devices OP27AZ/883C Datasheet HTML 18Page - Analog Devices OP27AZ/883C Datasheet HTML 19Page - Analog Devices OP27AZ/883C Datasheet HTML 20Page - Analog Devices OP27AZ/883C Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Data Sheet
OP27
Rev. H | Page 21 of 21
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
OP27AJ/883C
−55°C to +125°C
8-Lead Metal Can (TO-99)
J-Suffix (H-08)
OP27GJZ
−40°C to +85°C
8-Lead Metal Can (TO-99)
J-Suffix (H-08)
OP27AZ
−55°C to +125°C
8-Lead CERDIP
Z-Suffix (Q-8)
OP27AZ/883C
−55°C to +125°C
8-Lead CERDIP
Z-Suffix (Q-8)
OP27EZ
−25°C to +85°C
8-Lead CERDIP
Z-Suffix (Q-8)
OP27GZ
−40°C to +85°C
8-Lead CERDIP
Z-Suffix (Q-8)
OP27EPZ
0°C to +70°C
8-Lead PDIP
P-Suffix (N-8)
OP27GPZ
−40°C to +85°C
8-Lead PDIP
P-Suffix (N-8)
OP27GS
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
OP27GS-REEL7
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
OP27GSZ
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
OP27GSZ-REEL
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
OP27GSZ-REEL7
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
OP27NBC
Die
1 The OP27GJZ, OP27EPZ, OP27GPZ, OP27GSZ, OP27GSZ-REEL, and OP27GSZ-REEL7 are RoHS compliant parts.
©1981–2015 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D00317-0-10/15(H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com