Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

GD400MLX65B3ST Datasheet(PDF) 2 Page - StarPower Europe AG

No. de pieza GD400MLX65B3ST
Descripción Electrónicos  650V/400A 3-level in one-package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STARPOWER [StarPower Europe AG]
Página de inicio  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD400MLX65B3ST Datasheet(HTML) 2 Page - StarPower Europe AG

  GD400MLX65B3ST Datasheet HTML 1Page - StarPower Europe AG GD400MLX65B3ST Datasheet HTML 2Page - StarPower Europe AG GD400MLX65B3ST Datasheet HTML 3Page - StarPower Europe AG GD400MLX65B3ST Datasheet HTML 4Page - StarPower Europe AG GD400MLX65B3ST Datasheet HTML 5Page - StarPower Europe AG GD400MLX65B3ST Datasheet HTML 6Page - StarPower Europe AG GD400MLX65B3ST Datasheet HTML 7Page - StarPower Europe AG GD400MLX65B3ST Datasheet HTML 8Page - StarPower Europe AG GD400MLX65B3ST Datasheet HTML 9Page - StarPower Europe AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
GD400MLX65B3ST
IGBT Module
©2020 STARPOWER Semiconductor Ltd.
6/29/2021
2/11
Preliminary
Absolute Maximum Ratings T
C=25
oC unless otherwise noted
T1-T4 IGBT
Symbol
Description
Value
Unit
VCES
Collector-Emitter Voltage
650
V
VGES
Gate-Emitter Voltage
±20
V
IC
Collector Current @ TC=25
oC
@ TC=60
oC
484
400
A
ICM
Pulsed Collector Current tp=1ms
800
A
PD
Maximum Power Dissipation @ Tj=175
oC
1136
W
D1-D4 Diode
Symbol
Description
Value
Unit
VRRM
Repetitive Peak Reverse Voltage
650
V
IF
Diode Continuous Forward Current
300
A
IFM
Diode Maximum Forward Current tp=1ms
600
A
D5,D6 Diode
Symbol
Description
Value
Unit
VRRM
Repetitive Peak Reverse Voltage
650
V
IF
Diode Continuous Forward Current
400
A
IFM
Diode Maximum Forward Current tp=1ms
800
A
Module
Symbol
Description
Value
Unit
Tjmax
Maximum Junction Temperature
175
oC
Tjop
Operating Junction Temperature
-40 to +150
oC
TSTG
Storage Temperature Range
-40 to +125
oC
VISO
Isolation Voltage RMS,f=50Hz,t=1min
2500
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com