Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

GD400MLX65B3ST Datasheet(PDF) 6 Page - StarPower Europe AG

No. de pieza GD400MLX65B3ST
Descripción Electrónicos  650V/400A 3-level in one-package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STARPOWER [StarPower Europe AG]
Página de inicio  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD400MLX65B3ST Datasheet(HTML) 6 Page - StarPower Europe AG

Back Button GD400MLX65B3ST Datasheet HTML 2Page - StarPower Europe AG GD400MLX65B3ST Datasheet HTML 3Page - StarPower Europe AG GD400MLX65B3ST Datasheet HTML 4Page - StarPower Europe AG GD400MLX65B3ST Datasheet HTML 5Page - StarPower Europe AG GD400MLX65B3ST Datasheet HTML 6Page - StarPower Europe AG GD400MLX65B3ST Datasheet HTML 7Page - StarPower Europe AG GD400MLX65B3ST Datasheet HTML 8Page - StarPower Europe AG GD400MLX65B3ST Datasheet HTML 9Page - StarPower Europe AG GD400MLX65B3ST Datasheet HTML 10Page - StarPower Europe AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
GD400MLX65B3ST
IGBT Module
©2020 STARPOWER Semiconductor Ltd.
6/29/2021
6/11
Preliminary
Fig 1. T1-T4 IGBT Output Characteristics
Fig 2. T1-T4 IGBT Transfer Characteristics
Fig 3. T1-T4 IGBT Switching Loss vs. IC
Fig 4. T1-T4 IGBT Switching Loss vs. RG
0
100
200
300
400
500
600
700
800
0 0.3 0.6 0.9 1.2 1.5 1.8 2.1 2.4 2.7
V
CE [V]
Tj=25℃
Tj=125℃
Tj=150℃
V
GE=15V
0
100
200
300
400
500
600
700
800
5
6
7
8
9
10
11
12
V
GE [V]
Tj=25℃
Tj=125℃
Tj=150℃
V
CE=20V
0
5
10
15
20
25
30
35
40
0
100 200 300 400 500 600 700 800
I
C [A]
Eon,Tj=125℃
Eoff,Tj=125℃
Eon,Tj=150℃
Eoff,Tj=150℃
V
CC=300V
R
G=2.0Ω
V
GE=±15V
0
10
20
30
40
50
0
4
8
12
16
20
R
G [Ω]
Eon,Tj=125℃
Eoff,Tj=125℃
Eon,Tj=150℃
Eoff,Tj=150℃
V
CC=300V
I
C=400A
V
GE=±15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com