Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

GD400MLX65B3ST Datasheet(PDF) 1 Page - StarPower Europe AG

No. de pieza GD400MLX65B3ST
Descripción Electrónicos  650V/400A 3-level in one-package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STARPOWER [StarPower Europe AG]
Página de inicio  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD400MLX65B3ST Datasheet(HTML) 1 Page - StarPower Europe AG

  GD400MLX65B3ST Datasheet HTML 1Page - StarPower Europe AG GD400MLX65B3ST Datasheet HTML 2Page - StarPower Europe AG GD400MLX65B3ST Datasheet HTML 3Page - StarPower Europe AG GD400MLX65B3ST Datasheet HTML 4Page - StarPower Europe AG GD400MLX65B3ST Datasheet HTML 5Page - StarPower Europe AG GD400MLX65B3ST Datasheet HTML 6Page - StarPower Europe AG GD400MLX65B3ST Datasheet HTML 7Page - StarPower Europe AG GD400MLX65B3ST Datasheet HTML 8Page - StarPower Europe AG GD400MLX65B3ST Datasheet HTML 9Page - StarPower Europe AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
GD400MLX65B3ST
IGBT Module
©2020 STARPOWER Semiconductor Ltd.
6/29/2021
1/11
Preliminary
STARPOWER
SEMICONDUCTOR
IGBT
GD400MLX65B3ST
650V/400A 3-level in one-package
General Description
STARPOWER IGBT Power Module provides ultra
low conduction loss as well as short circuit ruggedness.
They are designed for the applications such as
3-level-applications.
Features
Low VCE(sat) trench IGBT technology
6μs short circuit capability
VCE(sat) with positive temperature coefficient
Maximum junction temperature 175
oC
Low inductance case
Fast & soft reverse recovery anti-parallel FWD
Isolated copper baseplate using DBC technology
Typical Applications
Solar power
UPS
3-level-applications
Equivalent Circuit Schematic


Número de pieza similar - GD400MLX65B3ST

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
GD4001B ETC1-GD4001B Datasheet
181Kb / 2P
QUAD 2-INPUT NOR GATE
GD4001B ETC2-GD4001B Datasheet
2Mb / 31P
SEMICONDUCTORS
GD4002B ETC1-GD4002B Datasheet
181Kb / 2P
QUAD 2-INPUT NOR GATE
logo
StarPower Europe AG
GD400CEX170C2S STARPOWER-GD400CEX170C2S Datasheet
380Kb / 9P
1700V/400A 2 in one-package
1/10/2023
GD400CEY120C2S STARPOWER-GD400CEY120C2S Datasheet
185Kb / 9P
1200V/400A 2 in one-package
11/30/2016
More results

Descripción similar - GD400MLX65B3ST

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fuji Electric
1MBI400S-120 FUJI-1MBI400S-120 Datasheet
365Kb / 4P
1200V / 400A 1 in one-package IGBT Module
3MBI150U-120 FUJI-3MBI150U-120 Datasheet
117Kb / 5P
1200V / 150A 3 in one-package
3MBI150UC-120 FUJI-3MBI150UC-120 Datasheet
128Kb / 5P
1200V / 150A 3 in one-package
logo
List of Unclassifed Man...
2MBI400U2B-060 ETC2-2MBI400U2B-060 Datasheet
104Kb / 4P
IGBT Module U-Series 600V / 400A 2 in one-package
logo
Fuji Electric
1MBI400HH-120L-50 FUJI-1MBI400HH-120L-50 Datasheet
502Kb / 7P
IGBT MODULE 1200V / 400A / 1 in one package
1MBI400V-120-50 FUJI-1MBI400V-120-50 Datasheet
459Kb / 7P
IGBT MODULE (V series) 1200V / 400A / 1 in one package
2MBI400VD-060-50 FUJI-2MBI400VD-060-50 Datasheet
416Kb / 6P
IGBT MODULE (V series) 600V / 400A / 2 in one package
2MBI400VD-120-50 FUJI-2MBI400VD-120-50 Datasheet
422Kb / 6P
IGBT MODULE (V series) 1200V / 400A / 2 in one package
2MBI400VB-060-50 FUJI-2MBI400VB-060-50 Datasheet
417Kb / 6P
IGBT MODULE (V series) 600V / 400A / 2 in one package
logo
KEC(Korea Electronics)
GM400HB06CT KEC-GM400HB06CT Datasheet
421Kb / 3P
600V/400A 2 IN ONE PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com