Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

GD400MLX65B3ST Datasheet(PDF) 3 Page - StarPower Europe AG

No. de pieza GD400MLX65B3ST
Descripción Electrónicos  650V/400A 3-level in one-package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STARPOWER [StarPower Europe AG]
Página de inicio  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD400MLX65B3ST Datasheet(HTML) 3 Page - StarPower Europe AG

  GD400MLX65B3ST Datasheet HTML 1Page - StarPower Europe AG GD400MLX65B3ST Datasheet HTML 2Page - StarPower Europe AG GD400MLX65B3ST Datasheet HTML 3Page - StarPower Europe AG GD400MLX65B3ST Datasheet HTML 4Page - StarPower Europe AG GD400MLX65B3ST Datasheet HTML 5Page - StarPower Europe AG GD400MLX65B3ST Datasheet HTML 6Page - StarPower Europe AG GD400MLX65B3ST Datasheet HTML 7Page - StarPower Europe AG GD400MLX65B3ST Datasheet HTML 8Page - StarPower Europe AG GD400MLX65B3ST Datasheet HTML 9Page - StarPower Europe AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
GD400MLX65B3ST
IGBT Module
©2020 STARPOWER Semiconductor Ltd.
6/29/2021
3/11
Preliminary
T1-T4 IGBT Characteristics T
C=25
oC unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCE(sat)
Collector to Emitter
Saturation Voltage
IC=400A,VGE=15V,
Tj=25
oC
1.45
1.80
V
IC=400A,VGE=15V,
Tj=125
oC
1.60
IC=400A,VGE=15V,
Tj=150
oC
1.70
VGE(th)
Gate-Emitter Threshold
Voltage
IC=6.40mA,VCE=VGE,
Tj=25
oC
5.1
5.8
6.5
V
ICES
Collector Cut-Off
Current
VCE=VCES,VGE=0V,
Tj=25
oC
1.0
mA
IGES
Gate-Emitter Leakage
Current
VGE=VGES,VCE=0V,
Tj=25
oC
400
nA
RGint
Internal Gate Resistance
1.0
Ω
Cies
Input Capacitance
VCE=25V,f=1MHz,
VGE=0V
46.4
nF
Cres
Reverse Transfer
Capacitance
0.91
nF
QG
Gate Charge
VGE=-15…+15V
2.77
μC
td(on)
Turn-On Delay Time
VCC=300V,IC=400A,
RG=2.0Ω,VGE=±15V,
Tj=25
oC
134
ns
tr
Rise Time
64
ns
td(off)
Turn-Off Delay Time
286
ns
tf
Fall Time
60
ns
Eon
Turn-On Switching
Loss
0.86
mJ
Eoff
Turn-Off Switching
Loss
9.77
mJ
td(on)
Turn-On Delay Time
VCC=300V,IC=400A,
RG=2.0Ω,VGE=±15V,
Tj=125
oC
148
ns
tr
Rise Time
68
ns
td(off)
Turn-Off Delay Time
307
ns
tf
Fall Time
75
ns
Eon
Turn-On Switching
Loss
1.63
mJ
Eoff
Turn-Off Switching
Loss
11.8
mJ
td(on)
Turn-On Delay Time
VCC=300V,IC=400A,
RG=2.0Ω,VGE=±15V,
Tj=150
oC
160
ns
tr
Rise Time
71
ns
td(off)
Turn-Off Delay Time
312
ns
tf
Fall Time
84
ns
Eon
Turn-On Switching
Loss
2.08
mJ
Eoff
Turn-Off Switching
Loss
12.3
mJ
ISC
SC Data
tP≤6μs,VGE=15V,
Tj=150
oC,V
CC=360V,
VCEM≤650V
2000
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com