Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

GD400MLX65B3ST Datasheet(PDF) 4 Page - StarPower Europe AG

No. de pieza GD400MLX65B3ST
Descripción Electrónicos  650V/400A 3-level in one-package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STARPOWER [StarPower Europe AG]
Página de inicio  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD400MLX65B3ST Datasheet(HTML) 4 Page - StarPower Europe AG

  GD400MLX65B3ST Datasheet HTML 1Page - StarPower Europe AG GD400MLX65B3ST Datasheet HTML 2Page - StarPower Europe AG GD400MLX65B3ST Datasheet HTML 3Page - StarPower Europe AG GD400MLX65B3ST Datasheet HTML 4Page - StarPower Europe AG GD400MLX65B3ST Datasheet HTML 5Page - StarPower Europe AG GD400MLX65B3ST Datasheet HTML 6Page - StarPower Europe AG GD400MLX65B3ST Datasheet HTML 7Page - StarPower Europe AG GD400MLX65B3ST Datasheet HTML 8Page - StarPower Europe AG GD400MLX65B3ST Datasheet HTML 9Page - StarPower Europe AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
GD400MLX65B3ST
IGBT Module
©2020 STARPOWER Semiconductor Ltd.
6/29/2021
4/11
Preliminary
D1-D4 Diode Characteristics T
C=25
oC unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VF
Diode Forward
Voltage
IF=300A,VGE=0V,Tj=25
oC
1.55
2.00
V
IF=300A,VGE=0V,Tj=125
oC
1.50
IF=300A,VGE=0V,Tj=150
oC
1.45
Qr
Recovered Charge
VR=300V,IF=300A,
-di/dt=5230A/μs,VGE=-15V
Tj=25
oC
6.64
μC
IRM
Peak Reverse
Recovery Current
192
A
Erec
Reverse Recovery
Energy
2.52
mJ
Qr
Recovered Charge
VR=300V,IF=300A,
-di/dt=5200A/μs,VGE=-15V
Tj=125
oC
11.9
μC
IRM
Peak Reverse
Recovery Current
240
A
Erec
Reverse Recovery
Energy
4.76
mJ
Qr
Recovered Charge
VR=300V,IF=300A,
-di/dt=5190A/μs,VGE=-15V
Tj=150
oC
14.5
μC
IRM
Peak Reverse
Recovery Current
256
A
Erec
Reverse Recovery
Energy
5.37
mJ
D5,D6 Diode Characteristics T
C=25
oC unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VF
Diode Forward
Voltage
IF=400A,VGE=0V,Tj=25
oC
1.65
2.10
V
IF=400A,VGE=0V,Tj=125
oC
1.65
IF=400A,VGE=0V,Tj=150
oC
1.65
Qr
Recovered Charge
VR=400V,IF=400A,
-di/dt=4700A/μs,VGE=-15V
Tj=25
oC
10.5
μC
IRM
Peak Reverse
Recovery Current
216
A
Erec
Reverse Recovery
Energy
3.52
mJ
Qr
Recovered Charge
VR=400V,IF=400A,
-di/dt=4300A/μs,VGE=-15V
Tj=150
oC
21
μC
IRM
Peak Reverse
Recovery Current
276
A
Erec
Reverse Recovery
Energy
7.80
mJ
Qr
Recovered Charge
VR=400V,IF=400A,
-di/dt=4200A/μs,VGE=-15V
Tj=175
oC
23.6
μC
IRM
Peak Reverse
Recovery Current
288
A
Erec
Reverse Recovery
Energy
8.84
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com