Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U385CG Datasheet(PDF) 72 Page - STMicroelectronics

No. de pieza STM32U385CG
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385CG Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STM32U385CG Datasheet HTML 68Page - STMicroelectronics STM32U385CG Datasheet HTML 69Page - STMicroelectronics STM32U385CG Datasheet HTML 70Page - STMicroelectronics STM32U385CG Datasheet HTML 71Page - STMicroelectronics STM32U385CG Datasheet HTML 72Page - STMicroelectronics STM32U385CG Datasheet HTML 73Page - STMicroelectronics STM32U385CG Datasheet HTML 74Page - STMicroelectronics STM32U385CG Datasheet HTML 75Page - STMicroelectronics STM32U385CG Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 224 page
background image
Pin number
Alternate functions
Additional
functions
-
-
-
-
-
-
-
43
L8
-
-
-
-
46
M12
PE15
I/O
FT_h
-
TIM1_BKIN, TIM1_CH4N,
SPI1_MOSI, OCTOSPI1_IO3,
EVENTOUT
-
-
-
-
27
F6
K4
-
44
M8
-
21
29
G7
47
L10
PB10
I/O
FT_fh
-
TIM2_CH3, LPTIM3_CH1,
I3C2_SCL, I2C2_SCL(boot),
SPI2_SCK, I3C1_SCL, USART3_TX,
LPUART1_RX, TSC_SYNC,
OCTOSPI1_CLK, COMP1_OUT,
SAI1_SCK_A, EVENTOUT
WKUP8
-
-
-
-
-
M4
-
45
K8
-
-
-
-
-
-
PB11
I/O
FT_fh
-
TIM2_CH4, I2C2_SDA(boot),
SPI2_RDY, USART3_RX,
LPUART1_TX, OCTOSPI1_NCS,
COMP2_OUT, EVENTOUT
-
20
20
M4
28
H5
P4
P4
46
M9
-
-
-
-
-
-
VLXSMPS
S
-
-
-
-
21
21
N3
29
H6
R3
R3
47
M10
-
-
-
-
-
-
VDDSMPS
S
-
-
-
-
22
22
L3
30
G6
N3
N3
48
L9
-
-
-
-
-
-
VSSSMPS
S
-
-
-
-
-
-
-
-
-
-
-
-
-
-
22
30
H7
48
L11
VCAP
S
-
-
-
-
23
23
M2
31
H7
P2
P2
49
K9
-
-
-
-
-
-
VDD11
S
-
-
-
-
24
24
L1
32
B2
N1
N1
50
C4
16
23
31
D4
49
F11
VSS
S
-
-
-
-
25
25
N1
33
A1
R1
R1
51
K10
17
24
32
D2
50
G12
VDD
S
-
-
-
-
-
-
-
-
-
M2
-
-
-
-
25
33
H8
51
L12
PB12
I/O
FT_fha
-
TIM1_BKIN, I3C1_SDA, I2C2_SMBA,
SPI2_NSS, I3C2_SDA, USART3_CK,
LPUART1_RTS/ LPUART1_DE,
TSC_G1_IO1, OCTOSPI1_NCLK,
TIM15_BKIN, EVENTOUT
-
26
26
K2
34
G8
L3
M4
52
L11
-
26
34
G8
52
K12
PB13
I/O
FT_fha
-
TIM1_CH1N, LPTIM3_IN1,
I3C1_SCL, I2C2_SCL, SPI2_SCK,
I3C2_SCL, USART3_CTS/
USART3_NSS, LPUART1_CTS,
TSC_G1_IO2, TIM15_CH1N,
EVENTOUT
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More