Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L4R5VGJ3 Datasheet(PDF) 109 Page - STMicroelectronics

No. de pieza STM32L4R5VGJ3
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VGJ3 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button STM32L4R5VGJ3 Datasheet HTML 105Page - STMicroelectronics STM32L4R5VGJ3 Datasheet HTML 106Page - STMicroelectronics STM32L4R5VGJ3 Datasheet HTML 107Page - STMicroelectronics STM32L4R5VGJ3 Datasheet HTML 108Page - STMicroelectronics STM32L4R5VGJ3 Datasheet HTML 109Page - STMicroelectronics STM32L4R5VGJ3 Datasheet HTML 110Page - STMicroelectronics STM32L4R5VGJ3 Datasheet HTML 111Page - STMicroelectronics STM32L4R5VGJ3 Datasheet HTML 112Page - STMicroelectronics STM32L4R5VGJ3 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 306 page
background image
-
D9
D9
124 124
C7
B7
B7
-
126
F6
C7
C7
B7
PG9
I/O
FT_s
-
OCTOSPIM_P2_IO6,
SPI3_SCK,
USART1_TX,
FMC_NCE/FMC_NE2,
SAI2_SCK_A,
TIM15_CH1N,
EVENTOUT
-
-
D8
D8
125 125
B7
D6
D6
-
127
E6
B7
B7
D6
PG10
I/O
FT_s
-
LPTIM1_IN1,
OCTOSPIM_P2_IO7,
SPI3_MISO,
USART1_RX,
FMC_NE3,
SAI2_FS_A,
TIM15_CH1,
EVENTOUT
-
-
G3
G3
126 126
-
E6
E6
-
128
-
-
-
E6
PG11
I/O
FT_s
-
LPTIM1_IN2,
OCTOSPIM_P1_IO5,
SPI3_MOSI,
USART1_CTS_NSS,
SAI2_MCLK_A,
TIM15_CH2,
EVENTOUT
-
Table 15. STM32L4Rxxx pin definitions (continued)
Pin number
STM32L4R5xxx, STM32L4R7xxx
STM32L4R9xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More