Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L4R5VGJ3 Datasheet(PDF) 113 Page - STMicroelectronics

No. de pieza STM32L4R5VGJ3
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VGJ3 Datasheet(HTML) 113 Page - STMicroelectronics

Back Button STM32L4R5VGJ3 Datasheet HTML 109Page - STMicroelectronics STM32L4R5VGJ3 Datasheet HTML 110Page - STMicroelectronics STM32L4R5VGJ3 Datasheet HTML 111Page - STMicroelectronics STM32L4R5VGJ3 Datasheet HTML 112Page - STMicroelectronics STM32L4R5VGJ3 Datasheet HTML 113Page - STMicroelectronics STM32L4R5VGJ3 Datasheet HTML 114Page - STMicroelectronics STM32L4R5VGJ3 Datasheet HTML 115Page - STMicroelectronics STM32L4R5VGJ3 Datasheet HTML 116Page - STMicroelectronics STM32L4R5VGJ3 Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 306 page
background image
93
B4
B4
136 137
A9
D5
D5
95
137
C5
A9
A9
D5
PB7
I/O FT_fla
-
LPTIM1_IN2,
TIM4_CH2,
TIM8_BKIN,
I2C1_SDA, I2C4_SDA,
DFSDM1_CKIN5,
USART1_RX,
UART4_CTS,
TSC_G2_IO4,
DCMI_VSYNC,
DSI_TE, FMC_NL,
TIM17_CH1N,
EVENTOUT
COMP2_INM,
PVD_IN
94
A4
A4
137 138
B9
E5
E5
96
138
A4
B9
B9
E5
PH3-
BOOT0
I/O
FT
-
EVENTOUT
-
95
A3
A3
138 139 C10
C4
C4
97
139
B4
C10 C10
C4
PB8
I/O
FT_fl
-
TIM4_CH3,
SAI1_CK1, I2C1_SCL,
DFSDM1_CKOUT,
DFSDM1_DATIN6,
SDMMC1_CKIN,
CAN1_RX, DCMI_D6,
LCD_B1,
SDMMC1_D4,
SAI1_MCLK_A,
TIM16_CH1,
EVENTOUT
-
Table 15. STM32L4Rxxx pin definitions (continued)
Pin number
STM32L4R5xxx, STM32L4R7xxx
STM32L4R9xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More