Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AFE4490 Datasheet(PDF) 75 Page - Texas Instruments

No. de pieza AFE4490
Descripción Electrónicos  AFE4404 Ultra-Small, Integrated AFE for Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

AFE4490 Datasheet(HTML) 75 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 71Page - Texas Instruments AFE4490 Datasheet HTML 72Page - Texas Instruments AFE4490 Datasheet HTML 73Page - Texas Instruments AFE4490 Datasheet HTML 74Page - Texas Instruments AFE4490 Datasheet HTML 75Page - Texas Instruments AFE4490 Datasheet HTML 76Page - Texas Instruments AFE4490 Datasheet HTML 77Page - Texas Instruments AFE4490 Datasheet HTML 78Page - Texas Instruments AFE4490 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 85 page
background image
IO_SUP
TX_SUP
RESETZ
I
2C Interface
ADC_RDY
t2
t3
t4
t5
t6
t6
RX_SUP
t1
Device State
High-Accuracy Operation
Software Power-Down (PDNAFE)
CLK
(External Clock Mode)
PDNAFE
= 1
PDNAFE
= 0
Device
Settings
High-Accuracy
Operation
IO_SUP
TX_SUP
RESETZ
I
2C Interface
ADC_RDY
t2
t3
t4
t5
t6
t8
t4
t5
t6
RX_SUP
t1
t7
Device State
High-Accuracy Operation
Hardware
Power-
Down
(PWDN)
Reset
CLK
(External Clock Mode)
Device
Settings
Device
Settings
High-Accuracy
Operation
75
AFE4404
www.ti.com
SBAS689D – JUNE 2015 – REVISED DECEMBER 2016
Product Folder Links: AFE4404
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
10 Power Supply Recommendations
The guidelines for power-supply sequencing and device initialization are shown in Figure 96, Figure 97, and
Table 79.
Figure 96. Power-Supply Sequencing, Device Initialization, and Hardware Power-Down Timing
Figure 97. Power-Supply Sequencing, Device Initialization, and Software Power-Down Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com