Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA63CIF6TR Datasheet(PDF) 101 Page - STMicroelectronics

No. de pieza STM32WBA63CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA63CIF6TR Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STM32WBA63CIF6TR Datasheet HTML 97Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 98Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 99Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 100Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 101Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 102Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 103Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 104Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 185 page
background image
DS14736 Rev 1
101/185
STM32WBA6xxx
Electrical characteristics
169
Table 26. Voltage characteristics(1)
Symbol
Ratings
Min
Max
Unit
VDDX - VSS
External main supply voltage
(including VDDUSB, VDDA, VDDRF,
VDDRFPA, VDDANA, VDDSMPS)
-0.3
4.0
V
VDDIOX - VSS
I/O supply when HSLV = 0
(including VDD, VDDIO2)
4.0
I/O supply when HSLV = 1
(including VDD, VDDIO2)
2.75
VIN
(2)
Input voltage on FT_ (any option)
pins
VSS - 0.3
min (min (VDD, VDDIO2, VDDUSB, VDDA) + 4.0,
6.0)(3)(4)
Input voltage on any other pin
4.0
|∆VDDx|
Variations between different VDDX
power pins of the same domain
-50.0
mV
|VSSx-VSS|
Variations between all the different
ground pins
-50.0
1. All main power (VDD, VDDIO2, VDDUSB, VDDA, VDDRF, VDDRFPA, VDDANA, VDDSMPS) and ground (VSS, VSSA,
VSSRF, VSSSMPS) pins must always be connected to the external power supply, in the permitted range.
2. VIN maximum must always be respected. Refer to Table 27 for the maximum allowed injected current values.
3. To sustain a voltage higher than 4 V, the internal pull-up/pull-down resistors must be disabled.
4. This formula applies only to power supplies related to the I/O structure described by the pin definition table.
Table 27. Current characteristics
Symbol
Ratings
Max
Unit
∑IVDD
Total current into sum of all VDD power lines (source)(1)
200
mA
∑IVSS
Total current out of sum of all VSS ground lines (sink)(1)
200
IVDD(PIN)
Maximum current into each VDD power pin (source)(1)
100
IVSS(PIN)
Maximum current out of each VSS ground pin (sink)(1)
100
IIO
Output current sunk by any I/O and control pin
20
∑I(PIN)
Total output current sunk by sum of all I/Os and control pins(2)
120
Total output current sourced by sum of all I/Os and control pins(2)
120
IINJ(PIN)(3)
(4)
Injected current on FT_xxx, TT_xx, RST pins
-5/+0
∑|IINJ(PIN)|
Total injected current (sum of all I/Os and control pins)(5)
±25
1. All main power (VDD, VDDIO2, VDDUSB, VDDA, VDDRF, VDDRFPA, VDDANA, VDDSMPS) and ground (VSS, VSSA,
VSSRF, VSSSMPS) pins must always be connected to the external power supplies, in the permitted range.
2. This current consumption must be correctly distributed over all I/Os and control pins. The total output current must not be
sunk/sourced between two consecutive power supply pins.
3. Positive injection (when VIN > VDD) is not possible on these I/Os and does not occur for input voltages lower than the
specified maximum value.
4. A negative injection is induced by VIN < VSS. IINJ(PIN) must never be exceeded. Refer also to Table 26 for the maximum
allowed input voltage values.
5. When several inputs are submitted to a current injection, the maximum ∑|IINJ(PIN)| is the absolute sum of the negative
injected currents (instantaneous values).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com