Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA63CIF6TR Datasheet(PDF) 103 Page - STMicroelectronics

No. de pieza STM32WBA63CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA63CIF6TR Datasheet(HTML) 103 Page - STMicroelectronics

Back Button STM32WBA63CIF6TR Datasheet HTML 99Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 100Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 101Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 102Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 103Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 104Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 105Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 106Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 185 page
background image
DS14736 Rev 1
103/185
STM32WBA6xxx
Electrical characteristics
169
VDDA
Analog supply voltage
ADC used
1.62
-
3.6
V
COMP used
1.58
-
ADC, COMP not used
0
-
VDDRF
RF operating voltage
-
1.71
-
3.6
V
VDDRFPA
RF power amplifier operating
voltage
VDDRFPA supply must be
equal or lower than
VDDRF.
1.15
-
3.6
V
VDDANA RF analog supply
VDDANA supply must be
equal or lower than
VDDRF.
1.15
-
3.6
V
VIN
I/O input voltage
All I/Os FT_
(any option) pins
-0.3
-
min (min (VDD, VDDIO2,
VDDA) + 3.6, 5.5)(2)(3)
TT I/O pins
VDD + 0.3
VCORE
Internal regulator ON
Range 1
1.15
1.21
1.27
Range 2
0.81
0.90
0.99
fHCLK
Internal AHB1, AHB2, and
AHB4 clock frequency
Range 1
-
-
100
MHz
Range 2
-
-
16
fPCLK
Internal APB1, APB2, and
APB7 clock frequency
Range 1
-
-
100
Range 2
-
-
16
fHCLK5
Internal AHB5 clock
frequency
Range 1
-
-
32
Range 2
-
-
12
∆fHCLK1
Internal AHB1, AHB2 and
AHB4 clock incremental
frequency step(4)
--
-
84
MHz
PD
Power dissipation at
TA = 85 °C (suffix 6 version)
or
TA = 105 °C (suffix 7 version)
See Section 6.6 for appropriate thermal resistance and package.
Power dissipation is calculated according to ambient temperature
(TA), maximum junction temperature (TJ), and selected thermal
resistance.
mW
TA
Ambient temperature
(suffix 6 version)
Max power dissipation
–40
-
85
°C
Low-power dissipation(5)
105
Ambient temperature
(suffix 7 version)
Max power dissipation
–40
-
105
Low-power dissipation(5)
125
TJ
Junction temperature range
Suffix 6 version
–40
-
105
°C
Suffix 7 version(6)
125
1. When RESET is released functionality is guaranteed down to VBORx min.
2. Applies only on the power supplies related to the I/O structure described by the pin definition table. The maximum I/O input
voltage is the smallest value between min (VDD, VDDIO2, VDDA, VDDUSB) +3.6 V and 5.5 V.
3. For operation with voltages higher than min (VDD, VDDIO2, VDDA, VDDUSB) +3.6 V the internal pull-up and pull-down
resistors must be disabled.
4. Without system clock frequency step limiting.
Table 30. General operating conditions (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com