Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA63CIF6TR Datasheet(PDF) 102 Page - STMicroelectronics

No. de pieza STM32WBA63CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA63CIF6TR Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM32WBA63CIF6TR Datasheet HTML 98Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 99Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 100Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 101Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 102Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 103Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 104Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 105Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 185 page
background image
Electrical characteristics
STM32WBA6xxx
102/185
DS14736 Rev 1
5.3
Operating conditions
5.3.1
Summary of main performance
5.3.2
General operating conditions
Table 28. Thermal characteristics
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
–65 to +150
°C
TJMAX
Maximum junction temperature
140
Table 29. Main performance at VDD = 3.3 V
Parameter
Test conditions
Typ
Unit
IDD
Core current consumption
Standby (64 Kbytes RAM retention)
1.15
µA
Stop 1
9.67
Stop 2
5.30
Sleep (VDD = 3.0 V, 16 MHz)
0.25
mA
Run (100 MHz)
4.40
Radio BLE Rx 1 Mbps(1)
4.26
Radio BLE Tx 0 dBm output power(1)
5.94
IDD
Peripheral
current
consumption
BLE
Advertising using Standby mode(2)
(Tx = 0 dBm; Period 1.28 s; 31 bytes, 3 channels)
13.334
µA
Advertising using Standby mode(2)
(Tx = 0 dBm, 6 bytes; period 10.24 s, 3 channels)
4.544
1. Power consumption including RF subsystem and digital processing.
2. Power consumption integrated over 100 s, including Cortex-M33, 2.4 GHz RADIO subsystem and digital processing.
Table 30. General operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Standard operating voltage
VDD GPIO HSLV = 0
1.71(1)
-3.6
V
VDD GPIO HSLV = 0
-
2.75
VDDIO2
Supply voltage for PG
I/O port
VDDIO2 GPIO HSLV = 0
1.08
-3.6
V
VDDIO2 GPIO HSLV = 1
-
2.75
VDDUSB USB supply voltage
USB used
3.0
-
3.6
V
USB not used
0
-
VDDSMPS
Supply voltage for internal
SMPS step-down converter
-VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com