Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA63CIF6TR Datasheet(PDF) 106 Page - STMicroelectronics

No. de pieza STM32WBA63CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA63CIF6TR Datasheet(HTML) 106 Page - STMicroelectronics

Back Button STM32WBA63CIF6TR Datasheet HTML 102Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 103Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 104Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 105Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 106Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 107Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 108Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 109Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 185 page
background image
Electrical characteristics
STM32WBA6xxx
106/185
DS14736 Rev 1
Table 35. RF receiver Bluetooth Low Energy characteristics (1)
Symbol
Parameter
Test conditions
Standard
Min
Typ
Max
Unit
Prxmax
Maximum input signal
PER ≤ 30.8%
-10
-
6
-
dBm
Psens2Mbps(2)
Sensitivity 2 Mbps
SMPS bypass(3)
-70
-
-93
-
SMPS on(3)
--
Psens1Mbps(2)
Sensitivity 1 Mbps
SMPS bypass(3)
-70
-
-96
-
SMPS on(3)
--
Psens500kbps(2)
Sensitivity 500 kbps
SMPS bypass(3)
-75
-
-99
-
SMPS on(3)
--
Psens125kbps(2)
Sensitivity 125 kbps
SMPS bypass(3)
-82
-
-102
-
SMPS on(3)
--
PIMD1Mbps
Intermodulation 1 Mbps
|f2 - f1| = 3 MHz
-50
-50
-37
-
|f2 - f1| = 4 MHz
-50
-27
-
|f2 - f1| = 5 MHz
-50
-28
-
POBB1Mbps
Out of band blocking (for desired
signal at -67 dBm and 1 Mbps)
30 to 2000 MHz
-30
-30
-10
-
2000 to 2399 MHz
-35
-35
-22
-
2484 to 2999 MHz
-35
-35
-15
-
3 to 12.75 GHz
-30
-30
-10
-
PIMD2Mbps
Intermodulation 2 Mbps
|f2 - f1| = 3 MHz
-50
-50
-37
-
dBm
|f2 - f1| = 4 MHz
-50
-30
-
|f2 - f1| = 5 MHz
-50
-30
-
POBB2Mbps
Out of band blocking (for desired
signal at -67 dBm and 2 Mbps)
30 to 2000 MHz
-30
-30
-10
-
2000 to 2399 MHz
-35
-35
-33
-
2484 to 2999 MHz
-35
-35
-19
-
3 to 12.75 GHz
-30
-30
-10
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com