Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TPL0102 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza TPL0102
Descripción Electrónicos  TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

TPL0102 Datasheet(HTML) 5 Page - Texas Instruments

  TPL0102 Datasheet HTML 1Page - Texas Instruments TPL0102 Datasheet HTML 2Page - Texas Instruments TPL0102 Datasheet HTML 3Page - Texas Instruments TPL0102 Datasheet HTML 4Page - Texas Instruments TPL0102 Datasheet HTML 5Page - Texas Instruments TPL0102 Datasheet HTML 6Page - Texas Instruments TPL0102 Datasheet HTML 7Page - Texas Instruments TPL0102 Datasheet HTML 8Page - Texas Instruments TPL0102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
H
L
W
R
TOTAL
C
L
C
H
C
W
k
i
ii
V
0 for k i
i
I
Y
V
=
¹
=
5
TPL0102
www.ti.com
SLIS134C – MARCH 2011 – REVISED SEPTEMBER 2015
Product Folder Links: TPL0102
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
(1)
Terminal and Wiper Capacitance extracted from self admittance of three port network measurement
(2)
Digital Potentiometer Macromodel
(3)
LSB = (VMEAS[code 255] – VMEAS[code 0]) / 255
(4)
INL = ((VMEAS[code x] – VMEAS[code 0]) / LSB) - [code x]
(5)
DNL = ((VMEAS[code x] – VMEAS[code x-1]) / LSB) – 1
(6)
IDEAL_LSB = (VH-VL) / 256
(7)
ZSERROR = VMEAS[code 0] / IDEAL_LSB
(8)
FSERROR = [(VMEAS[code 255] – (VH-VL)) / IDEAL_LSB] + 1
(9)
MATCHVDM = (VMEAS_A[code x] – VMEAS_B[code x]) / IDEAL_LSB
6.5 Electrical Characteristics
VDD = 2.7 V to 5.5 V, VSS = 0 V, VH = VDD, VL = GND, TA = –40°C to 85°C (unless otherwise noted). Typical values are at
VDD = 5 V, TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RTOT
End-to-End resistance
(Between H and L
Terminals)
80
100
120
k
Ω
RH, RL
Terminal resistance
60
200
Ω
RW
Wiper resistance
25
100
Ω
CH, CL
(1) (2)
Terminal capacitance
22
pF
CW
(1) (2)
Wiper capacitance
16
pF
ILKG
Terminal leakage
current
VH = VSS to VDD, VL = Floating
OR
VL = VSS to VDD, VH = Floating
0.1
1
µA
TCR
Resistance temperature
coefficient
Input Code = 0x80h
92
ppm/°C
RTOT,MATCH
Channel-to-channel
resistance match
0.1
%
Voltage Divider Mode
INL(3)(4)
Integral non-linearity
–0.5
0.5
LSB
DNL(3)(5)
Differential non-linearity
–0.25
0.25
LSB
ZSERROR
(6) (7)
Zero-scale error
0
0.1
2
LSB
FSERROR
(6) (8)
Full-scale error
–2
–0.1
0
LSB
MATCHVDM
(6) (9)
Channel-to-Channel
matching
Wiper at the same tap position, same voltage at all
H and same voltage at all L terminals
–2
2
LSB
TCVDM
Ratiometric
temperature coefficient
Wiper set at mid-scale
4
ppm/°C
BW
Bandwidth
Wiper set at mid-scale
CLOAD = 10 pF
229
kHz
tSW
Wiper setting time
3.6
µs
THD
Total harmonic
distortion
VH = 1 VRMS at 1 kHz,
VL = (VDD – VSS)/2,
Measurement at pin W
0.03
%
XTALK
Cross talk
fH = 1 kHz,
VL = GND,
Measurement at pin W
–82
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com