Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TPL0102 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza TPL0102
Descripción Electrónicos  TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

TPL0102 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPL0102 Datasheet HTML 2Page - Texas Instruments TPL0102 Datasheet HTML 3Page - Texas Instruments TPL0102 Datasheet HTML 4Page - Texas Instruments TPL0102 Datasheet HTML 5Page - Texas Instruments TPL0102 Datasheet HTML 6Page - Texas Instruments TPL0102 Datasheet HTML 7Page - Texas Instruments TPL0102 Datasheet HTML 8Page - Texas Instruments TPL0102 Datasheet HTML 9Page - Texas Instruments TPL0102 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
6
TPL0102
SLIS134C – MARCH 2011 – REVISED SEPTEMBER 2015
www.ti.com
Product Folder Links: TPL0102
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Electrical Characteristics (continued)
VDD = 2.7 V to 5.5 V, VSS = 0 V, VH = VDD, VL = GND, TA = –40°C to 85°C (unless otherwise noted). Typical values are at
VDD = 5 V, TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(10) RLSB = (RMEAS[code 255] – RMEAS[code 0]) / 255
(11) RINL =( (RMEAS[code x] – RMEAS[code 0]) / RLSB) - [code x]
(12) RDNL =( (RMEAS[code x] – RMEAS[code x-1]) / RLSB )– 1
(13) IDEAL_RLSB = RTOT / 256
(14) OFFSETRM = RMEAS[code 0] / IDEAL_RLSB
(15) MATCHRM = (RMEAS_A[code x] – RMEAS_B[code x]) / IDEAL_RLSB
RHEOSTAT MODE (Measurements between W and L with H not connected, or between W and H with L not connected)
RINL(10)(11)
Integral non-linearity
–1
1
LSB
RDNL(10)(12)
Differential non-linearity
–0.5
0.5
LSB
OFFSETRM
(13) (14)
Offset
0
0.2
2
LSB
MATCHRM
(13) (15)
Channel-to-Channel
matching
–2
2
LSB
BW
Bandwidth
Code = 0x00h,
L Floating,
Input applied to W, Measure at H, CLOAD = 10 pF
54
kHz
6.6 Operating Characteristics
VDD = 2.7 V to 5.5 V, VSS = 0 V, VH = VDD, VL = GND, TA = –40°C to 85°C (unless otherwise noted). Typical values are at
VDD = 5 V, TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDD(STBY)
VDD standby current
VDD = 2.75 V, VSS = –2.75,
I2C interface in standby mode
0.2
1
µA
ISS(STBY)
VSS standby current
VDD = 2.75 V, VSS = –2.75,
I2C interface in standby mode
–1
–0.2
µA
IDD(SHUTDOWN)
VDD shutdown current
VDD = 2.75 V, VSS = –2.75,
I2C interface in standby mode
0.2
1
µA
ISS(SHUTDOWN)
VSS shutdown current
VDD = 2.75 V, VSS = –2.75,
I2C interface in standby mode
–1
–0.2
µA
IDD
VDD current during non-volatile
write
VDD = 2.75 V, VSS = –2.75
200
µA
ISS
VSS current during non-volatile
write
VDD = 2.75 V, VSS = –2.75
–200
µA
ILKG(DIG)
Digital pins leakage current
(A0, A1, A2, SDA, and SCL)
–1
1
µA
VPOR
Power-on recall voltage
Minimum VDD at which memory
recall occurs
23
V
EEPROM Specification
EEPROM endurance
100 000
Cycles
EEPROM retention
TA = 85°C
100
Years
tWC
Non-volatile write cycle time
20
ms
Wiper Timing Characteristics
t(WRT)
Wiper response time
SCL falling edge of last bit of
wiper data byte to wiper new
position
600
ns
t(SR)
Wiper position recall time from
shut-down mode
SCL falling edge of last bit of ACR
data byte to wiper stored position
and H connection
800
ns
t(D)
Power-up delay
VDD above VPOR, to wiper initial
value register recall completed,
and I2C interface in standby mode
35
100
µs
C(PIN)
Pin capacitance
A0, A1, A2, SDA, SCL pins
7
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com