Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TPL0102 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TPL0102
Descripción Electrónicos  TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

TPL0102 Datasheet(HTML) 1 Page - Texas Instruments

  TPL0102 Datasheet HTML 1Page - Texas Instruments TPL0102 Datasheet HTML 2Page - Texas Instruments TPL0102 Datasheet HTML 3Page - Texas Instruments TPL0102 Datasheet HTML 4Page - Texas Instruments TPL0102 Datasheet HTML 5Page - Texas Instruments TPL0102 Datasheet HTML 6Page - Texas Instruments TPL0102 Datasheet HTML 7Page - Texas Instruments TPL0102 Datasheet HTML 8Page - Texas Instruments TPL0102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
I
2C INTERFACE
VOLATILE
REGISTERS
NON-VOLATILE
REGISTERS
A0 A1 A2
HA
LA
HB
LB
WA
WB
VDD
VSS
GND
SDA
SCL
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPL0102
SLIS134C – MARCH 2011 – REVISED SEPTEMBER 2015
TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
1
1 Features
1
Two Potentiometers with 256-Position Resolution
Non-volatile Memory Stores Wiper Settings
100 k
Ω End-to-End Resistance (TPL0102-100)
Fast Power-up Response Time to Wiper Setting:
<100 µs
±0.5 LSB INL, ±0.25 LSB DNL (Voltage-Divider
Mode)
4 ppm/°C Ratiometric Temperature Coefficient
I2C-compatible Serial Interface
2.7 V to 5.5 V Single-Supply Operation
±2.25 V to ±2.75 V Dual-Supply Operation
Operating Temperature Range from –40°C to
85°C
Shutdown Mode
ESD Performance Tested Per JESD 22
2000-V Human Body Model (A114-B, Class II)
1000-V Charged-Device Model (C101)
2 Applications
Adjustable Gain Amplifiers and Offset Trimming
Adjustable Power Supplies
Precision Calibration of Set Point Thresholds
Sensor Trimming and Calibration
Mechanical Potentiometer Replacement
3 Description
The
TPL0102
has
two
linear-taper
digital
potentiometers (DPOTs) with 256 wiper positions.
Each potentiometer can be used as a three-terminal
potentiometer or as a two-terminal rheostat. The
TPL0102-100 has an end-to-end resistance of 100
k
Ω.
The TPL0102 has non-volatile memory (EEPROM)
which can be used to store the wiper position. This is
beneficial because the wiper position is stored even
during power-off and is automatically reinstated after
power-on. The internal registers of the TPL0102 can
be accessed using the I2C interface.
The TPL0102 is available in a 14-pin MicroQFN and
14-pin TSSOP package with a specified temperature
range of –40°C to 85°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPL0102
X2QFN (14)
2.00 mm × 2.00 mm
TSSOP (14)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Número de pieza similar - TPL0102

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPL0102-100 TI1-TPL0102-100 Datasheet
591Kb / 24P
256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
TPL0102-100PWR TI1-TPL0102-100PWR Datasheet
591Kb / 24P
256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
TPL0102-100PWR TI1-TPL0102-100PWR Datasheet
1Mb / 45P
Two 256-Taps Digital Potentiometers
TPL0102-100QPWREP TI-TPL0102-100QPWREP Datasheet
1Mb / 36P
TPL0102-EP 256-Taps Dual-Channel Digital Potentiometer With Non-Volatile Memory
TPL0102-100RUCR TI1-TPL0102-100RUCR Datasheet
591Kb / 24P
256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
More results

Descripción similar - TPL0102

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
S-2210R ETC-S-2210R Datasheet
193Kb / 1P
NON-VOLATILE MEMORY/NON-VOLATILE RAM
logo
Winbond
WMS7201 WINBOND-WMS7201 Datasheet
318Kb / 29P
256-TAP NON-VOLATILE DIGITAL POTENTIOMETER
WMS7202 WINBOND-WMS7202 Datasheet
282Kb / 30P
256-TAP DUAL-CHANNEL NON-VOLATILE DIGITAL
logo
Maxim Integrated Produc...
MAX5391 MAXIM-MAX5391 Datasheet
2Mb / 13P
Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 0; 10/09
MAX5386 MAXIM-MAX5386_10 Datasheet
2Mb / 13P
Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 2; 1/10
logo
Texas Instruments
TPL0102-100 TI1-TPL0102-100 Datasheet
591Kb / 24P
256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
TPL0102 TI-TPL0102_15 Datasheet
1Mb / 45P
TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
TPL0102-EP TI-TPL0102-EP_15 Datasheet
1Mb / 36P
TPL0102-EP 256-Taps Dual-Channel Digital Potentiometer With Non-Volatile Memory
TPL0102 TI1-TPL0102_15 Datasheet
1Mb / 45P
Two 256-Taps Digital Potentiometers
logo
Maxim Integrated Produc...
MAX5386 MAXIM-MAX5386_V01 Datasheet
1Mb / 13P
Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com