Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TPL0102 Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza TPL0102
Descripción Electrónicos  TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

TPL0102 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPL0102 Datasheet HTML 6Page - Texas Instruments TPL0102 Datasheet HTML 7Page - Texas Instruments TPL0102 Datasheet HTML 8Page - Texas Instruments TPL0102 Datasheet HTML 9Page - Texas Instruments TPL0102 Datasheet HTML 10Page - Texas Instruments TPL0102 Datasheet HTML 11Page - Texas Instruments TPL0102 Datasheet HTML 12Page - Texas Instruments TPL0102 Datasheet HTML 13Page - Texas Instruments TPL0102 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
0
20
40
60
80
100
120
140
160
180
200
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
V = 2.7 V
I
V = 5 V
I
V - Input Voltage - V
I
85°C, LA
85°C, LB
25°C, LB
25°C, WB
25°C, LA
-40°C, WA
-40°C, LB
-40°C, WB
-40°C, LA
85°C, WB
85°C, WA
25°C, WA
0
10
20
30
40
50
60
70
80
90
100
110
120
130
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
V - Input Voltage - V
I
0
10
20
30
40
50
60
70
80
90
100
110
25°C, WA
85°C, WA
85°C, WB
25°C, WB
-40°C, WB
-40°C, WA
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
V - Input Voltage - V
I
85°C, LA
85°C, LB
-40°C, LB
-40°C, LA
25°C, LA
25°C, LB
0
0.4
0.8
1.2
1.6
2
-40
-15
10
35
60
85
T - Free-Air Temperature - °C
A
V = 5 V
I
V = 2.7 V
I
V = 5.5 V
I
-4
0
4
8
1.2
1.6
t - Time - S
m
2.38
2.4
2.42
2.44
2.46
2.48
2.5
2.52
V
= 5 V,
V = V
,
V = GND,
C
= 10 pF
DD
H
DD
L
LOAD
10
TPL0102
SLIS134C – MARCH 2011 – REVISED SEPTEMBER 2015
www.ti.com
Product Folder Links: TPL0102
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 13. Rheostat Mode Offset Error vs Temperature
Figure 14. Midscale Wiper Glitch (0x7Fh to 0x80h)
Figure 15. Wiper to Low Terminal Resistance (VDD = 5 V)
Figure 16. Wiper to Low Terminal Resistance (VDD = 2.7 V)
Figure 17. Supply Current vs Digital Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com