Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD36-24-21SE-059 Datasheet(PDF) 104 Page - TE Connectivity Ltd

No. de pieza HD36-24-21SE-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-24-21SE-059 Datasheet(HTML) 104 Page - TE Connectivity Ltd

Back Button HD36-24-21SE-059 Datasheet HTML 100Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 101Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 102Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 103Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 104Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 105Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 106Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 107Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 108Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 104
CONNECTOR ACCESSORIES
PART DESCRIPTION
PART NUMBER
BACKSHELLS
Attachment for the rear of the connector to provide strain relief, environmental protection, and/or improved aesthetics
AMPSEAL
Backshell, AMPSEAL, 35 way, plug, 180°, requires (2) halves
776463-1
Backshell, AMPSEAL, 23 way, plug, 180°, requires (2) halves
776464-1
AMPSEAL 16
Backshell, AMPSEAL 16, 2 way, plug, 180°, NC08/NW7.5
2035047-1
Backshell, AMPSEAL 16, 2 way, plug, 90°, NC08/NW7.5
2035048-1
Backshell, AMPSEAL 16, 2 way, plug, 90°, NC08/NW7.5, low profile
2035366-1
Backshell, AMPSEAL 16, 2 way, plug, 90°, NC12/NW10
2035048-5
Backshell, AMPSEAL 16, 2 way, plug, 90°, NC12/NW10, low profile
2035366-3
Backshell, AMPSEAL 16, 3 way, plug, 180°, NC08/NW7.5
2035047-2
Backshell, AMPSEAL 16, 3 way, plug, 90°, NC08/NW7.5
2035048-2
Backshell, AMPSEAL 16, 3 way, plug, 90°, NC08/NW7.5, low profile
2035366-2
Backshell, AMPSEAL 16, 3 way, plug, 90°, NC12/NW10
2035048-6
Backshell, AMPSEAL 16, 3 way, plug, 90°, NC12/NW10, low profile
2035366-4
Backshell, AMPSEAL 16, 3 way, cap, 90°, NC08/NW7.5, low profile
2098436-2
Backshell, AMPSEAL 16, 4 way, plug, 180°, NC08/NW7.5
2035047-3
Backshell, AMPSEAL 16, 4 way, plug, 180°, NC12/NW10
2035047-5
Backshell, AMPSEAL 16, 4 way, plug, 90°, NC08/NW7.5
2035048-3
Backshell, AMPSEAL 16, 4 way, plug, 90°, NC08/NW7.5, low profile
2035366-7
Backshell, AMPSEAL 16, 4 way, plug, 90°, NC12/NW10
2035048-7
Backshell, AMPSEAL 16, 4 way, plug, 90°, NC12/NW10, low profile
2035366-9
Backshell, AMPSEAL 16, 6 way, plug, 180°, NC08/NW7.5
2035047-4
Backshell, AMPSEAL 16, 6 way, plug, 180°, NC12/NW10
2035047-6
Backshell, AMPSEAL 16, 6 way, plug, 90°, NC08/NW7.5, low profile
2035366-8
Backshell, AMPSEAL 16, 6 way, plug, 90°, NC12/NW10, low profile
1-2035366-0
Backshell, AMPSEAL 16, 8 way, plug, 180°, NC12/NW10
2035047-7
Backshell, AMPSEAL 16, 8 way, plug, 180°, NC16/NW13
2035047-9
Backshell, AMPSEAL 16, 12 way, plug, 180°, NC16/NW13
1-2035047-0
Backshell, AMPSEAL 16, 12 way, plug, 180°, NC20/NW17
1-2035047-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com