Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD36-24-21SE-059 Datasheet(PDF) 108 Page - TE Connectivity Ltd

No. de pieza HD36-24-21SE-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-24-21SE-059 Datasheet(HTML) 108 Page - TE Connectivity Ltd

Back Button HD36-24-21SE-059 Datasheet HTML 104Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 105Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 106Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 107Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 108Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 109Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 110Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 111Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 112Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 108
CONNECTOR ACCESSORIES
PART DESCRIPTION
PART NUMBER
Backshell, DT, 8 way, 180°, fits DT04-08P*, A, B, C, and D keys
1011-245-0805
Backshell, DT, 8 way, 90°, fits DT04-08P*, A, B, C, and D keys
1011-246-0805
Backshell, DT, 12 way, 180°, fits DT06-12S*, A, B, C, and D keys
1011-247-1205
Backshell, DT, 12 way, 90°, fits DT06-12S*, A, B, C, and D keys
1011-248-1205
Backshell, DT, 12 way, 180°, fits DT04-12P*, A, B, C, and D keys
1011-249-1205
Backshell, DT, 12 way, 90°, fits DT04-12P*, A, B, C, and D keys
1011-250-1205
Backshell, DT, 12 way, 180°, fits DT04-12P*, A, B, C, and D keys and modifications
1028-043-1205
Backshell, DT, 2 way, 180°, strain relief for jacketed cable, fits DT06-2S
1011-255-0205
Backshell, DT, 2 way, 90°, strain relief for jacketed cable, fits DT06-2S
1011-256-0205
Backshell, DT, 2 way, 180°, strain relief for jacketed cable, fits DT04-2P
1011-257-0205
Backshell, DT, 2 way, 90°, strain relief for jacketed cable, fits DT04-2P
1011-258-0205
Backshell, DT, 3 way, 180°, strain relief for jacketed cable, fits DT06-3S
1011-259-0305
Backshell, DT, 3 way, 90°, strain relief for jacketed cable, fits DT06-3S
1011-260-0305
Backshell, DT, 3 way, 180°, strain relief for jacketed cable, fits DT04-3P
1011-261-0305
Backshell, DT, 3 way, 90°, strain relief for jacketed cable, fits DT04-3P
1011-262-0305
Backshell, DT, 4 way, 180°, strain relief for jacketed cable, fits DT06-4S
1011-263-0405
Backshell, DT, 4 way, 90°, strain relief for jacketed cable, fits DT06-4S
1011-264-0405
Backshell, DT, 4 way, 180°, strain relief for jacketed cable, fits DT04-4P
1011-265-0405
Backshell, DT, 4 way, 90°, strain relief for jacketed cable, fits DT04-4P
1011-266-0405
Backshell, DT, 6 way, 180°, strain relief for jacketed cable, fits DT06-6S
1011-267-0605
Backshell, DT, 6 way, 90°, strain relief for jacketed cable, fits DT06-6S
1011-268-0605
Backshell, DT, 6 way, 180°, strain relief for jacketed cable, fits DT04-6P
1011-269-0605
Backshell, DT, 6 way, 90°, strain relief for jacketed cable, fits DT04-6P
1011-270-0605
DTM Series
Backshell, DTM, 2 way, plug, 180°
1011-273-0205
Backshell, DTM & DTMH, 2 way, plug, 180°
1028-041-0205
Backshell, DTM & DTMH, 2 way, recept., 180°
1028-021-0205
Backshell, DTM & DTMH, 3 way, plug, 180°
1028-005-0305
Backshell, DTM, 3 way, recept., 180°
1028-024-0305
Backshell, DTM & DTMH, 4 way, plug, 180°
1028-008-0405
Backshell, DTM & DTMH, 4 way, recept., 180°
1028-027-0405



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com