Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD36-24-21SE-059 Datasheet(PDF) 106 Page - TE Connectivity Ltd

No. de pieza HD36-24-21SE-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-24-21SE-059 Datasheet(HTML) 106 Page - TE Connectivity Ltd

Back Button HD36-24-21SE-059 Datasheet HTML 102Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 103Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 104Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 105Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 106Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 107Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 108Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 109Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 110Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 106
CONNECTOR ACCESSORIES
PART DESCRIPTION
PART NUMBER
Backshell, AMPSEAL 16, 8 way, cap, 180°, smooth
2292864-1
Backshell, AMPSEAL 16, 8 way, cap, 180°, NC20/NW17
2292864-2
Backshell, AMPSEAL 16, 8 way, cap, 180°, NC16/NW13
2292864-3
Backshell, AMPSEAL 16, 12 way, cap, 180°, smooth
2292865-1
Backshell, AMPSEAL 16, 12 way, cap, 180°, NC20/NW17
2292865-2
Backshell, AMPSEAL 16, 12 way, cap, 180°, NC16/NW13
2292865-3
Adapter, backshell, AMPSEAL 16, 2 and 3 way, 90°, smooth
2292849-1
Adapter, backshell, AMPSEAL 16, 2 and 3 way, 90°, NC12/NW10
2292849-2
Adapter, backshell, AMPSEAL 16, 2 and 3 way, 90°, NC08/NW7.5
2292849-3
Adapter, backshell, AMPSEAL 16, 4 and 6 way, 90°, smooth
2292850-1
Adapter, backshell, AMPSEAL 16, 4 and 6 way, 90°, NC16/NW13
2292850-2
Adapter, backshell, AMPSEAL 16, 4 and 6 way, 90°, NC12/NW10
2292850-3
Adapter, backshell, AMPSEAL 16, 8 and 12 way, 90°, smooth
2292851-1
Adapter, backshell, AMPSEAL 16, 8 and 12 way, 90°, NC20/NW17
2292851-2
Adapter, backshell, AMPSEAL 16, 8 and 12 way, 90°, NC16/NW13
2292851-3
Circular DIN
Cover, protective, Circular DIN, for socket housing 967325, black
185636-1
Cover, protective, Circular DIN, for pin housing 967402, with ring, black
1394277-1
Cover, protective, Circular DIN, for pin housing 967402, without ring, black
1394277-2
Backshell, Circular DIN, 90°, universal clamp
965576-1
Backshell, Circular DIN, 180°, universal clamp
965784-1
Backshell, Circular DIN, 90°, NW 7.5 mm tubing
185793-1
Backshell, Circular DIN, 90°, NW 8.5 mm tubing
965577-1
Backshell, Circular DIN, 90°, NW 10 mm tubing
965783-1
Backshell, Circular DIN, 180°, NW 7.5 mm tubing
185792-1
Backshell, Circular DIN, 180°, NW 8.5 mm tubing
965785-1
Backshell, Circular DIN, 180°, NW 10 mm tubing
965786-1
Backshell, Circular DIN, 4 way, 90°, for hose
1534789-1
Backshell, Circular DIN, 4 way, 180°, for hose
1534791-1
Backshell, Circular DIN, 4 way, 180°, 5.2-6.5 mm jacketed cable
1418916-1
Backshell, Circular DIN, 4 way, 180°, 6.0-9.5 mm jacketed cable
1418917-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com