Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2454 Datasheet(PDF) 264 Page - Renesas Technology Corp

No. de pieza H8S/2454
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 Datasheet(HTML) 264 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 260Page - Renesas Technology Corp H8S/2454 Datasheet HTML 261Page - Renesas Technology Corp H8S/2454 Datasheet HTML 262Page - Renesas Technology Corp H8S/2454 Datasheet HTML 263Page - Renesas Technology Corp H8S/2454 Datasheet HTML 264Page - Renesas Technology Corp H8S/2454 Datasheet HTML 265Page - Renesas Technology Corp H8S/2454 Datasheet HTML 266Page - Renesas Technology Corp H8S/2454 Datasheet HTML 267Page - Renesas Technology Corp H8S/2454 Datasheet HTML 268Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 1376 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 234 of 1342
REJ09B0467-0100
Note, however, that the
RAS signal will go high if:
 a refresh operation is initiated in the RAS down state
 self-refreshing is performed
 the chip enters software standby mode
 the external bus is released
 the RCDM bit or BE bit is cleared to 0
If a transition is made to the all-module-clocks-stopped mode in the
RAS down state, the clock
will stop with
RAS low. To enter the all-module-clocks-stopped mode with RAS high, the
RCDM bit must be cleared to 0 before executing the SLEEP instruction.
Normal space
read
DRAM space
read
Tp
Tr
Tc1
Tc2
T1
T2
DRAM space read
Tc1
Tc2
Note: n = 2 to 5
RASn (CSn)
UCAS, LCAS
RD
OE
Data bus
Address bus
φ
Row address
Column address 1
Column address 2
External address
Figure 6.44 Example of Operation Timing in RAS Down Mode
(RAST = 0, CAST = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More