Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2454 Datasheet(PDF) 265 Page - Renesas Technology Corp

No. de pieza H8S/2454
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 Datasheet(HTML) 265 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 261Page - Renesas Technology Corp H8S/2454 Datasheet HTML 262Page - Renesas Technology Corp H8S/2454 Datasheet HTML 263Page - Renesas Technology Corp H8S/2454 Datasheet HTML 264Page - Renesas Technology Corp H8S/2454 Datasheet HTML 265Page - Renesas Technology Corp H8S/2454 Datasheet HTML 266Page - Renesas Technology Corp H8S/2454 Datasheet HTML 267Page - Renesas Technology Corp H8S/2454 Datasheet HTML 268Page - Renesas Technology Corp H8S/2454 Datasheet HTML 269Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 1376 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 235 of 1342
REJ09B0467-0100
• RAS Up Mode
To select RAS up mode, clear the RCDM bit to 0 in DRAMCR. Each time access to DRAM
space is interrupted and another space is accessed, the
RAS signal goes high again. Burst
operation is only performed if DRAM space is continuous. Figure 6.45 shows an example of
the timing in RAS up mode.
Normal space
read
DRAM space
read
Tp
Tr
Tc1
Tc2
Tc1
Tc2
DRAM space read
T1
T2
Note: n = 2 to 5
RASn (CSn)
UCAS, LCAS
RD
OE
Data bus
Address bus
φ
Row address
Column address 1
Column address 2
External address
Figure 6.45 Example of Operation Timing in RAS Up Mode
(RAST = 0, CAST = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More