| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2454 Datasheet(PDF) 266 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2454 Datasheet(HTML) 266 Page - Renesas Technology Corp |
|
266 / 1376 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 236 of 1342 REJ09B0467-0100 6.7.12 Refresh Control This LSI is provided with a DRAM refresh control function. CAS-before-RAS (CBR) refreshing is used. In addition, self-refreshing can be executed when the chip enters the software standby state. Refresh control is enabled when any area is designated as DRAM space in accordance with the setting of bits RMTS2 to RMTS0 in DRAMCR. (1) CAS-before-RAS (CBR) Refreshing To select CBR refreshing, set the RFSHE bit to 1 in REFCR. With CBR refreshing, RTCNT counts up using the input clock selected by bits RTCK2 to RTCK0 in REFCR, and when the count matches the value set in RTCOR (compare match), refresh control is performed. At the same time, RTCNT is reset and starts counting up again from H'00. Refreshing is thus repeated at fixed intervals determined by RTCOR and bits RTCK2 to RTCK0. Set a value in RTCOR and bits RTCK2 to RTCK0 that will meet the refreshing interval specification for the DRAM used. When bits RTCK2 to RTCK0 in REFCR are set, RTCNT starts counting up. RTCNT and RTCOR settings should therefore be completed before setting bits RTCK2 to RTCK0. RTCNT operation is shown in figure 6.46, compare match timing in figure 6.47, and CBR refresh timing in figure 6.48. When the CBRM bit in REFCR is cleared to 0, access to external space other than DRAM space is performed in parallel during the CBR refresh period. RTCOR H'00 Refresh request RTCNT Figure 6.46 RTCNT Operation |