Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 353 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 353 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 349Page - Renesas Technology Corp H8S/20223 Datasheet HTML 350Page - Renesas Technology Corp H8S/20223 Datasheet HTML 351Page - Renesas Technology Corp H8S/20223 Datasheet HTML 352Page - Renesas Technology Corp H8S/20223 Datasheet HTML 353Page - Renesas Technology Corp H8S/20223 Datasheet HTML 354Page - Renesas Technology Corp H8S/20223 Datasheet HTML 355Page - Renesas Technology Corp H8S/20223 Datasheet HTML 356Page - Renesas Technology Corp H8S/20223 Datasheet HTML 357Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 353 / 992 page
background image
Section 10 I/O Ports
Rev. 1.00 Oct. 03, 2008 Page 327 of 962
REJ09B0465-0100
10.10.1
Port Mode Register J (PMRJ)
b7
0
b6
0
b5
0
b4
0
b3
0
b2
0
b1
PMRJ[1:0]
0
b0
0
H'FF000C
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7 to 2
Reserved
These bits are read as 0. The write value should be 0.
1, 0
PMRJ[1:0] Port J[1:0] mode Selects PJ1 and PJ0 pin functions.
PMRJ1
PMRJ0
PJ1 Pin
PJ0 Pin
0
0
PJ1 I/O
PJ0 I/O
0
1
PJ1 I/O
OSC1 input*
(external
clock input)
1
0
CLKOUT
PJ0 I/O
1
1
OSC2
OSC1
R/W
Note:
*
Set the PMRJ1 and PMRJ0 bits to 01 to input the external clock on the OSC1 pin. Do
not apply the external clock to the OSC1 pin while the PMRJ1 and PMRJ0 bits are set
to 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com