Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 59 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 55Page - Renesas Technology Corp H8S/20223 Datasheet HTML 56Page - Renesas Technology Corp H8S/20223 Datasheet HTML 57Page - Renesas Technology Corp H8S/20223 Datasheet HTML 58Page - Renesas Technology Corp H8S/20223 Datasheet HTML 59Page - Renesas Technology Corp H8S/20223 Datasheet HTML 60Page - Renesas Technology Corp H8S/20223 Datasheet HTML 61Page - Renesas Technology Corp H8S/20223 Datasheet HTML 62Page - Renesas Technology Corp H8S/20223 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 992 page
background image
Section 2 CPU
Rev. 1.00 Oct. 03, 2008 Page 33 of 962
REJ09B0465-0100
SP (ER7)
Free area
Stack area
Figure 2.6 Stack
2.4.2
Program Counter (PC)
This 24-bit counter indicates the address of the next instruction the CPU will execute. The length
of all CPU instructions is 2 bytes (one word), so the least significant PC bit is ignored. (When an
instruction is fetched for read, the least significant PC bit is regarded as 0.)
2.4.3
Extended Control Register (EXR)
EXR is an 8-bit register that can be operated by the LDC, STC, ANDC, ORC, and XORC
instructions. When an instruction other than STC is executed, all interrupts including NMI are
masked in three states after the instruction is completed.
Bit
Symbol
Bit Name
Description
R/W
7
T
Trace bit
0: Consecutively executes instructions.
1: Starts trace exception processing each time an
instruction is executed.
R/W
6 to 3
Reserved
These bits are always read as 1.
2 to 0 I2*
I1
I0
Interrupt
request mask
level 2 to 0
These bits specify interrupt request mask levels
(0 to 3). For details, see section 4, Interrupt
Controller.
R/W
Note:
*
The I2-bit is reserved in this product. The I2 bit is set to 1 if an interrupt is accepted, but
this does not affect the mask level for interrupt requests.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com